Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW219C Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NVSW219C
Description  Built-in ESD Protection Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW219C Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NVSW219C Datasheet HTML 5Page - NICHIA CORPORATION NVSW219C Datasheet HTML 6Page - NICHIA CORPORATION NVSW219C Datasheet HTML 7Page - NICHIA CORPORATION NVSW219C Datasheet HTML 8Page - NICHIA CORPORATION NVSW219C Datasheet HTML 9Page - NICHIA CORPORATION NVSW219C Datasheet HTML 10Page - NICHIA CORPORATION NVSW219C Datasheet HTML 11Page - NICHIA CORPORATION NVSW219C Datasheet HTML 12Page - NICHIA CORPORATION NVSW219C Datasheet HTML 13Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NICHIA STS-DA1-3555 <Cat.No.150227>
8
TAPE AND REEL DIMENSIONS
トレーラ部
/リーダ部 Trailer and Leader
トップカバーテープ
引き出し方向
Embossed Carrier Tape
エンボスキャリアテープ
Top Cover Tape
Feed
Direction
リーダ部最小
400mm
Leader without Top Cover Tape 400mm MIN
トレーラ部最小
160mm(空部)
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
引き出し部最小
100mm(空部)
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
Nxxx219x
STS-DA7-6927
テーピング部
Tape
8±0.1
2±0.054±0.1
-0
Φ
1.5+0.1
(単位 Unit: mm)
管理番号
No.
Reel Size: 3500pcs
数量は
1リールにつき 3500個入りです。
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品テーピングに準拠しています。
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
*
0.35±0.05
2.25±0.1
3.7±0.1
リール部
Reel
330±2
ラベル
Label
Φ21
±0.8
17.5±1
13.5±1
Φ
1.5+0.2
-0
Cathode Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com