Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1620EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1620EEE
Description  Digitally Adjustable LCD Bias Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1620EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1620EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Digitally Adjustable LCD Bias Supplies
16
______________________________________________________________________________________
Setting the Maximum Output Voltage
(DAC Adjustment)
The DAC is adjustable from 0V to 1.5V in 32 steps, and
1LSB = 1.5V / 31. DAC adjustment of VOUT is provided
by adding R3 to the divider circuit (Figure 4). Be sure
that VOUT,MAX does not exceed the LCD panel rating.
For VOUT,MAX = 25V and VOUT,MIN = 12.5V, R3 is deter-
mined as follows:
R3 = R5 x (VFB) / (VOUT,MAX - VOUT,MIN)
= 2.2M
Ω x (1.5) / (25 - 12.5) = 264kΩ
The general form for VOUT as a function of the DAC out-
put (VDOUT) is:
VOUT = VOUT,MIN + (VFB - VDOUT) x R5 / R3
At power-up the DAC resets to mid-scale (10000), which
corresponds to VDOUT = 0.774V; therefore, the output
voltage after reset is as follows:
VOUT,RESET = VOUT,MIN + (1.5 - 0.774) x R5 / R3
Note that for a positive output voltage, VOUT increases
as VDOUT decreases. VOUT,MAX corresponds to VDOUT
= 0V, and VOUT,MIN corresponds to VDOUT = 1.5V.
For a negative output voltage, VOUT = VOUT,MIN +
(VFB - VDOUT) x R5 / R3. Assume VOUT,MAX = -25V and
VOUT,MIN = -12.5V; then determine R3 and VOUT,RESET
as follows:
R3 = R5 x (VFB - VDOUT,MAX) / (VOUT,MAX - VOUT,MIN)
= 2.5M
Ω x (0 - 1.5) / (-25 - -12.5) = 300kΩ
VOUT,RESET = -12.5 + (0 - 0.774) x (2.5M) /
(300k) = -18.95V
Note that for a negative output voltage,
VOUT increases
as VDOUT increases. VOUT,MAX corresponds to VDOUT
= 1.5V, and
VOUT,MIN corresponds to VDOUT = 0V.
Potentiometer Adjustment
The output can be adjusted with a potentiometer instead
of the DAC. Choose RPOT = 100kΩ, and connect it
between REF and GND. Connect R3 to the potentiome-
ter’s wiper, instead of to DOUT. The same design equa-
tions as above apply.
Controlling the LCD Using
POK and
LCDON
When voltage at POK is greater than 1V, the open-drain
LCDON output pulls low. LCDON withstands 27V; there-
fore, it can drive a PFET or PNP transistor to switch on
the MAX1620/MAX1621’s positive output. The following
represent three cases for using this feature:
1) As an off switch, to ensure that a positive boosted
output goes to 0V during shutdown. In this case,
connect POK to SHDN. Without this switch, the posi-
tive output falls to one diode-drop below the input
voltage (VBATT) in shutdown. LCDON is not needed
for negative outputs, which will fall to 0V in shut-
down anyway.
2) As an output sensing cutoff for positive outputs.
Connect POK to the feedback voltage divider to
sense the output voltage. The output is switched on
only when it reaches a set percentage of the set
voltage.
3) As an input sensing output cutoff for positive out-
puts. Connect POK to a voltage divider to sense the
input voltage. The output is switched on only when
the input reaches the set level (Figure 4).
To control the open-drain output LCDON by sensing
the input voltage, connect a resistor-divider (R1-R2,
Figure 4) from VBATT to POK. Choose R2 = 100k. For
example, if the minimum battery voltage is 5.3V, deter-
mine R1 as follows:
R1 = R2 x [(VBATT / VPOK) - 1]
= 100k x [(5.3 / 0.992) - 1] = 434k
Ω
LCDON can also be controlled via software (MAX1621,
Table 4).
Table 4. MAX1621 LCDON Output
Truth Table
POK Pin
LCDON Output
LCDON Bit
<1V
0
Floating
<1V
1
Floating
>1V
1
ON, pulls low
>1V
0
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com