Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1620EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1620EEE
Description  Digitally Adjustable LCD Bias Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1620EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1620EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Digitally Adjustable LCD Bias Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V, VBATT = 10V, TA = 0°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND ..............................................................-0.3V to 6V
PGND to AGND ..................................................................±0.3V
BATT, LX, LCDON to AGND ....................................-0.3V to 30V
DHI, DLO to PGND.....................................-0.3V to (VDD + 0.3V)
DOUT, FB, POL, POK, REF to AGND.........-0.3V to (VDD + 0.3V)
UP, DN, SHDN to AGND.............................................-0.3V to 6V
SCL, SDA, SUS to AGND............................................-0.3V to 6V
IDHI......................................................................................60mA
IDLO....................................................................................-30mA
ILCDON ...............................................................................-10mA
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.3mW/°C above +70°C) ......................667mW
Operating Temperature Range
MAX1620EEE/MAX1621EEE ............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
V LCDON = 28V, POK = 0.967V
V LCDON = 0.4V, POK = 1.017V
FB = -50mV
FB = REF + 100mV
POL = AGND, 3.0V
≤ VDD ≤ 5.5V
Shutdown mode, V SHDN = VDD,VDD = 5.5V
POL = VDD, 3.0V ≤ VDD ≤ 5.5V
Operating mode, output in regulation, VDD = 5.5V
VDD = 5V
VDD = 5V
VDD = 3.0V
LX = 12V, shutdown mode
VDD = 4.5V
LX = 12V, operating mode
BATT = 12V, shutdown mode
4V
≤ BATT ≤ 12V, TA = 0°C to +85°C
BATT = 12V, operating mode
1.8V
≤ BATT ≤ 20V, TA = +25°C
µA
1
LCDON High, Leakage Current
mA
-2
-6
LCDON Low, Sinking Current
nA
-10
85
-20
10
FB Input Current (Note 3)
mV
-8
0
8
V
1.46
1.5
1.53
FB Regulation Voltage
mA
-25
DLO Output Current (Note 3)
mA
50
DHI Output Current (Note 3)
Ω
14
7
On-Resistance (DLO, DHI)
16.5
23.5
µs-V
20
Microsecond-Volt Time Constant (k-factor)
V
27
Positive Output Voltage
920
µA
150
250
VDD Supply Current
1.8
20
BATT Operating Range (Note 2)
1
µA
13
20
LX Input Current
µA
1
BATT Input Current
-27
Negative Output Voltage
V
1.5
2.8
Undervoltage Lockout Threshold (Note 1)
13
20
V
3.0
5.5
VDD Operating Range
Voltage on POK rising
V
0.967
0.992
1.017
POK Threshold Voltage
V
mV
12
POK Hysteresis
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
V
No load
V
1.47
1.5
1.53
REF Voltage
0µA
≤ IREF ≤ 25mA
mV
310
REF Load Regulation
SWITCHING REGULATOR
REFERENCE AND DAC OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com