Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1652EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1652EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1652EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1652EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +15V, GND = PGND = 0V, SYNC = REF, IVL = IREF = 0A, TA = 0°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +36V
GND to PGND .......................................................-0.3V to +0.3V
VL to GND ................................................................-0.3V to +6V
BST to GND ............................................................-0.3V to +36V
DH to LX .....................................................-0.3V to (BST + 0.3V)
LX to BST..................................................................-6V to +0.3V
SHDN to GND...............................................-0.3V to (V+ + 0.3V)
SYNC, SS, REF, SECFB, SKIP, FB to GND...-0.3V to (VL + 0.3V)
DL to PGND ..................................................-0.3V to (VL + 0.3V)
CSH, CSL to GND ....................................................-0.3V to +6V
VL Short Circuit to GND..............................................Momentary
REF Short Circuit to GND ...........................................Continuous
VL Output Current ...............................................+50mA to -1mA
REF Output Current...............................................+5mA to -1mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 8.70mW/°C above +70°C) .......................696mW
QSOP (derate 8.3mW/°C above +70°C) ....................667mW
Operating Temperature Range
MAX165_E_E ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Rising edge, falling edge hysteresis = 60mV
Rising edge, falling edge hysteresis = 50mV
SHDN = 2V, 0 < IVL < 25mA, 5.5V < V+ < 30V
Rising edge, falling edge, hysteresis = 22mV (MAX1654)
CSH - CSL, negative
CSH - CSL, positive
Falling edge, rising edge, hysteresis = 22mV (MAX1652)
6V < V+ < 30V
25mV < (CSH - CSL) < 80mV
0 < (CSH - CSL) < 80mV, FB = VL, 6V < V+ < 30V,
includes line and load regulation
External resistor divider
VSS = 4V
0 < (CSH - CSL) < 80mV
VSS = 0V
CONDITIONS
V
4.2
4.5
4.7
VL/CSL Switchover Voltage
V
3.8
3.9
4.0
VL Fault Lockout Voltage
V
4.7
5.0
5.3
VL Output Voltage
-0.05
0
0.05
V
2.45
2.50
2.55
SECFB Regulation Setpoint
mA
2.0
SS Fault Sink Current
µA
2.5
4.0
6.5
SS Source Current
V
4.5
30
Input Supply Range
-50
-100
-160
mV
80
100
120
Current-Limit Voltage
%/V
0.03
0.06
Line Regulation
1.2
V
4.85
5.06
5.25
5V Output Voltage (CSL)
V
1
5.5
Nominal Adjustable Output
Voltage Range
%
2
Load Regulation
UNITS
MIN
TYP
MAX
PARAMETER
0 < (CSH - CSL) < 80mV, FB = 0V, 4.5V < V+ < 30V,
includes line and load regulation
V
3.20
3.34
3.46
3.3V Output Voltage (CSL)
2.5
5.5
MAX1655
MAX1652/MAX1653/
MAX1654
2.43
2.50
2.57
MAX1652/MAX1653/
MAX1654
CSH - CSL = 0V, CSL = FB,
SKIP = 0V, 4.5V < V+ < 30V
MAX1655
V
0.97
1.00
1.03
Feedback Voltage
3.3V AND 5V STEP-DOWN CONTROLLERS
FLYBACK/PWM CONTROLLER
INTERNAL REGULATOR AND REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com