Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1652EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1652EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1652EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1652EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
_______________________________________________________________________________________
3
Note 1: Since the reference uses VL as its supply, V+ line-regulation error is insignificant.
Note 2: At very low input voltages, quiescent supply current may increase due to excessive PNP base current in the VL linear
regulator. This occurs if V+ falls below the preset VL regulation point (5V nominal).
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +15V, GND = PGND = 0V, SYNC = REF, IVL = IREF = 0A, TA = 0°C to +85°C, unless otherwise noted.)
SECFB, 0 or 4V
SHDN, 0 or 30V
SHDN, SKIP
SYNC
SYNC = 0 or 5V
SYNC = REF
Guaranteed by design, not tested
CSH = CSL = 5.5V
V+ = 4.5V, CSH = CSL = 4.0V (Note 2)
SYNC = 0 or 5V
Falling edge
0 < IREF < 100µA
SYNC = REF
SHDN = 0V, CSL = 5.5V, CSH = 5.5V, V+ = 0 or 30V,
VL = 0V
CONDITIONS
0.1
µA
3.0
No external load (Note 1)
Input Current
2.0
V
VL - 0.5
Input High Voltage
%
98
99
97
98
Dropout-Mode Maximum Duty
Cycle
kHz
190
340
Oscillator Sync Range
ns
200
SYNC Rise/Fall Time
ns
200
SYNC Low Pulse Width
ns
200
SYNC High Pulse Width
125
150
175
kHz
270
300
330
Oscillator Frequency
2.46
2.50
2.54
1
2
Quiescent Power Consumption
1
8
Dropout Power Consumption
5
15
V+ Shutdown Current
V
2.0
2.4
Reference Fault Lockout Voltage
mV
15
Reference Load Regulation
µA
0.1
1
CSL, CSH Shutdown Leakage
Current
UNITS
MIN
TYP
MAX
PARAMETER
SHDN = 0V, V+ = 30V, CSL = 0 or 5.5V
FB = CSH = CSL = 5.5V, VL switched over to CSL
V+ Off-State Leakage Current
DL forced to 2V
FB, FB = REF
CSH, CSL, CSH = CSL
≤ 4V
SYNC, SKIP
A
1
DL Sink/Source Current
±0.1
70
1.0
SHDN, SKIP
SYNC
0.5
V
0.8
Input Low Voltage
DH forced to 2V, BST - LX = 4.5V
A
1
DH Sink/Source Current
High or low, BST - LX = 4.5V
High or low
Ω
1.5
5
DH On-Resistance
Ω
1.5
5
DL On-Resistance
Reference Output Voltage
V
OSCILLATOR AND INPUTS/OUTPUTS
3
7
5
15
µA
µA
mW
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com