Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1653EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1653EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1653EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1653EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
______________________________________________________________________________________
13
MAX1652
MAX1653
MAX1654
MAX1655
1V
CSL
CSH
REF
GND
4V
FB
ADJ FB
5V FB
3.3V FB
SYNC
LPF
12kHz
PWM
COMPARATOR
OUT
V+
BATTERY VOLTAGE
4.5V
VL
TO
CSL
+5V AT 5mA
BST
DH
LX
DL
PGND
SECFB
MAIN
OUTPUT
AUXILIARY
OUTPUT
SHDN
PWM
LOGIC
SHDN
SS
ON/OFF
+2.50V
AT 100
µA
+5V LINEAR
REGULATOR
+2.50V
REF
Figure 2. MAX1652–MAX1655 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com