Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1653EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1653EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1653EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1653EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
16
______________________________________________________________________________________
an action that “boosts” the 5V gate-drive signal above
the battery voltage.
Ringing seen at the high-side MOSFET gate (DH) in
discontinuous-conduction mode (light loads) is a natur-
al operating condition caused by the residual energy in
the tank circuit formed by the inductor and stray capac-
itance at the switching node LX. The gate-driver nega-
tive rail is referred to LX, so any ringing there is directly
coupled to the gate-drive output.
Current-Limiting and
Current-Sense Inputs (CSH and CSL)
The current-limit circuit resets the main PWM latch and
turns off the high-side MOSFET switch whenever the
voltage difference between CSH and CSL exceeds
100mV. This limiting is effective for both current flow
directions, putting the threshold limit at ±100mV. The
tolerance on the positive current limit is ±20%, so the
external low-value sense resistor must be sized for
80mV/R1 to guarantee enough load capability, while
components must be designed to withstand continuous
current stresses of 120mV/R1.
For breadboarding purposes or very-high-current appli-
cations, it may be useful to wire the current-sense inputs
with a twisted pair rather than PC traces.
Oscillator Frequency and
Synchronization (SYNC Pin)
The SYNC input controls the oscillator frequency.
Connecting SYNC to GND or to VL selects 150kHz
operation; connecting SYNC to REF selects 300kHz.
SYNC can also be used to synchronize with an external
5V CMOS clock generator. SYNC has a guaranteed
190kHz to 340kHz capture range.
300kHz operation optimizes the application circuit for
component size and cost. 150kHz operation provides
increased efficiency and improved low-duty factor
operation (see
Dropout Operation section).
Dropout Operation
Dropout (low input-output differential operation) is en-
hanced by stretching the clock pulse width to increase
the maximum duty factor. The algorithm follows: if the out-
put voltage (VOUT) drops out of regulation without the
current limit having been reached, the controller skips an
off-time period (extending the on-time). At the end of the
cycle, if the output is still out of regulation, another off-time
period is skipped. This action can continue until three off-
time periods are skipped, effectively dividing the clock
frequency by as much as four.
The typical PWM minimum off-time is 300ns, regardless
of the operating frequency. Lowering the operating fre-
quency raises the maximum duty factor above 98%.
Low-Noise Mode (SKIP Pin)
The low-noise mode (SKIP = high) is useful for minimiz-
ing RF and audio interference in noise-sensitive appli-
cations such as audio-equipped systems, cellular
phones, RF communicating computers, and electro-
magnetic pen-entry systems. See the summary of oper-
ating modes in Table 3. SKIP can be driven from an
external logic signal.
The MAX1653 and MAX1655 can reduce interference
due to switching noise by ensuring a constant switch-
ing frequency regardless of load and line conditions,
thus concentrating the emissions at a known frequency
outside the system audio or IF bands. Choose an oscil-
lator frequency where harmonics of the switching fre-
quency don’t overlap a sensitive frequency band. If
necessary, synchronize the oscillator to a tight-toler-
ance external clock generator.
The low-noise mode (SKIP = high) forces two changes
upon the PWM controller. First, it ensures fixed-frequen-
cy operation by disabling the minimum-current com-
parator and ensuring that the PWM latch is set at the
beginning of each cycle, even if the output is in regula-
tion. Second, it ensures continuous inductor current
MAX1652
MAX1653
MAX1654
MAX1655
BST
VL
+5V
VL SUPPLY
BATTERY
INPUT
VL
VL
DH
LX
DL
PWM
LEVEL
TRANSLATOR
Figure 5. Boost Supply for Gate Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com