Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPB336CS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSPB336CS
Description  rohs compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPB336CS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSPB336CS Datasheet HTML 1Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 2Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 3Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 4Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 5Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 6Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 7Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 8Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NICHIA STS-DA1-3419 <Cat.No.141225>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
35
mA
Pulse Forward Current
IFP
110
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30~85
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
100
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Unit
Forward Voltage
VF
IF=20mA
3.1
V
Reverse Current
IR
VR=5V
-
µA
Luminous Intensity
Iv
IF=20mA
1.2
cd
x
-
IF=20mA
0.133
-
Chromaticity Coordinate
y
-
IF=20mA
0.075
-
* Characteristics at TA=25°C.
* Luminous Intensity value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com