Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPB336CS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPB336CS
Description  rohs compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPB336CS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPB336CS Datasheet HTML 1Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 2Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 3Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 4Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 5Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 6Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 7Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 8Page - NICHIA CORPORATION NSPB336CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-3419 <Cat.No.141225>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.65
3.45
V
Reverse Current
-
-
50
µA
W12
1.73
1.88
W11
1.58
1.73
V22
1.45
1.58
V21
1.33
1.45
V12
1.22
1.33
V11
1.12
1.22
U22
1.03
1.12
Luminous Intensity
U21
0.94
1.03
cd
Color Ranks
Rank W1na
Rank W1nb
x
0.137
0.131
0.147
0.151
x
0.131
0.124
0.142
0.147
y
0.037
0.046
0.068
0.058
y
0.046
0.058
0.081
0.068
Rank W2na
Rank W2nb
x
0.124
0.118
0.137
0.142
x
0.118
0.110
0.132
0.137
y
0.058
0.071
0.095
0.081
y
0.071
0.087
0.112
0.095
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Intensity Tolerance: ±10%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Intensity Ranks by Color Rank
Ranking by
Luminous Intensity
Ranking by
Color Coordinates
U21
U22
V11
V12
V21
V22
W11
W12
W1na,W1nb
W2na,W2nb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com