Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6630 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6630
Description  5 ??45 GHz Variable Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6630 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6630 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Table 1. AMMC-6630 Absolute Maximum Ratings [1]
Symbol
Parameters and Test Conditions
Unit
Minimum
Maximum
VC
Voltage to Control Attenuation
V
0
1.6
Pin
RF Input Power
dBm
-
17
Tch
Operating Channel Temperature
°C
-
+150
Tstg
Storage Temperature
°C
-40
+150
Tmax
Maximum Assembly Temperature
°C
+300 for 60s
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. The absolute maximum ratings for VC and Pin
were determined at an ambient temperature of 25°C unless noted otherwise.
Table 2. AMMC-6630 DC Specifications [1, 2]
Symbol
Parameters
Test Conditions
Unit
Min
Typical
Max
Ic_ref
VC Control Current (Min Attenuation)
VC = 0 V
nA
-
0
40
Ic _ref
VC Control Current (Max Attenuation)
VC = 1.0 V
μA
-
150
250
Notes:
1. Ambient operation temperature TA = 25°C unless otherwise noted.
2. Data obtained from on-wafer measurements.
Table 3. AMMC-6630 RF Specifications [1, 2]
Small/Large-signal data measured on-wafer at TA = 25°C, Z0 = 50Ω
Symbol
Parameters and Test Conditions
Units
Freq. [GHz] Minimum
Typical
Maximum
Minimum Attenuation
(Reference State)
Small-signal S21
VC = 0 V
dB
7
3.6
4.0
16
2.1
2.5
25
3.5
4.0
34
4.0
5.0
42
5.6
6.0
Maximum Attenuation
Small-signal S21
VC = 1.0 V
dB
7
22.0
22.6
16
21.5
22.1
25
24.0
25.5
34
25.0
26.4
42
26.0
27.5
RLin and RLout
at Reference State
VC = 0 V
dB
<40
10
RLin and RLout
at Maximum State
VC = 1.0 V
dB
<40
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com