Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6630 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6630 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6630
Download  AMMC-6630 Download
File Size   932.26 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 5 ??45 GHz Variable Attenuator

AMMC-6630 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6630 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6630
Download  AMMC-6630 Click to download

File Size   932.26 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 5 ??45 GHz Variable Attenuator

AMMC-6630 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - AMMC-6630

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6630 BOARDCOM-AMMC-6630 Datasheet
932Kb / 11P
5 ??45 GHz Variable Attenuator
More results


Similar Description - AMMC-6630

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC712 HITTITE-HMC712 Datasheet
322Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712LP3CE HITTITE-HMC712LP3CE_10 Datasheet
656Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6630 AVAGO-AMMP-6630 Datasheet
307Kb / 6P
5 ??30 GHz Variable Attenuator
logo
United Monolithic Semic...
CHT4694-99F UMS-CHT4694-99F_15 Datasheet
577Kb / 14P
25-45 GHz Attenuator
logo
Analog Devices
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC812A AD-HMC812A_16 Datasheet
1Mb / 9P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
Broadcom Corporation.
AMMC-6630 BOARDCOM-AMMC-6630 Datasheet
932Kb / 11P
5 ??45 GHz Variable Attenuator
AMMP-6630 BOARDCOM-AMMP-6630 Datasheet
307Kb / 6P
5 ??30 GHz Variable Attenuator
logo
Analog Devices
HMC712ALP3CE AD-HMC712ALP3CE Datasheet
776Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com