Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6546 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6546
Description  18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6546 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6546 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6546 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6546 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6546 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6546 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance may
be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise (Гopt)
matching.
5. NF is measure on-wafer. Additional bond wires (-0.2nH) at Input could improve NF at some frequencies.
Table 1. RF Electrical Characteristics [1,2]
TA=25°C, Zo=50 Ω, LO=+15dBm, IF=2GHz
Parameter
RF=21GHz, LO=11.5GHz
RF=23GHz, LO=12.5GHz
RF=26GHz, LO=14GHz
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Conversion Loss, CL
11
12
10
12
11
12
dB
Input Third Order Intercept, IIP3
11
12
10.5
11.7
8.5
11.8
dB
2LO-R Leakage, 2LO-R
-44
-35
-40
-35
-42
-30
dBm
2LO-I Leakage, 2LO-I
-61
-52.5
-64
-51.7
-60
-54
dBm
RF=18-30GHz, LO=9-15GHz
RF=30-40GHz, LO=15-20GHz
L-R Leakage, L-R
-30
-35
dB
L-I Leakage, L-I
-35
-30
dB
Note:
1. Production RF tested at 21, 23 and 26 GHz in up-converter configuration at Low Side LO.
2. All tested parameters are guaranteed with the following measurement accuracy:
RF=21GHz: ±1 dBm for RF-leakage, ±2.0 dBm for IF-leakage, ±0.5dB for Conversion Loss, ±0.5 dBm for IIP3
RF=23GHz: ±1 dBm for RF-leakage, ±2.5 dBm for IF-leakage, ±0.5dB for Conversion Loss, ±0.5 dBm for IIP3
RF=26GHz: ±1 dBm for RF-leakage, ±2.5 dBm for IF-leakage, ±0.5dB for Conversion Loss, ±0.5 dBm for IIP3
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
Parameter
Min.
Typical
Max.
Unit
Comments
RF Frequency, RFfreq
18
40
GHz
LO Frequency, LOfreq
9
20
GHz
IF Frequency, IFfreq
DC
3.5
GHz
LO Power, LO
+12
+15
+22
dBm
Absolute Minimum and Maximum Ratings
Table 3. Minimum and Maximum Ratings
Parameter
Min.
Max.
Unit
Comments
RF CW Input Power, Pin
+25
dB
Storage Temperature, Tstg
-65
+150
°C
Maximum Assembly Temperature, Tmax
300
°C
60 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com