Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6546 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6546
Description  18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
File Size   170.46 Kbytes
Html View  1   2   3   4   5 
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6546 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED



Similar Part No. - AMMP-6546

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6546 BOARDCOM-AMMP-6546 Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6546-BLKG AVAGO-AMMP-6546-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6546-BLKG BOARDCOM-AMMP-6546-BLKG Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6546-TR1G AVAGO-AMMP-6546-TR1G Datasheet
118Kb / 2P
Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6546-TR1G BOARDCOM-AMMP-6546-TR1G Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package
More results


Similar Description - AMMP-6546

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545 AVAGO-AMMP-6545 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6545 AVAGO-AMMP-6545_15 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
logo
Broadcom Corporation.
AMMP-6545 BOARDCOM-AMMP-6545 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6546 BOARDCOM-AMMP-6546 Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com