Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS2800S Datasheet(PDF) 2 Page - International Rectifier

Part # ATS2800S
Description  HIGH RELIABILITY DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATS2800S Datasheet(HTML) 2 Page - International Rectifier

  ATS2800S Datasheet HTML 1Page - International Rectifier ATS2800S Datasheet HTML 2Page - International Rectifier ATS2800S Datasheet HTML 3Page - International Rectifier ATS2800S Datasheet HTML 4Page - International Rectifier ATS2800S Datasheet HTML 5Page - International Rectifier ATS2800S Datasheet HTML 6Page - International Rectifier ATS2800S Datasheet HTML 7Page - International Rectifier ATS2800S Datasheet HTML 8Page - International Rectifier ATS2800S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
ATS SERIES
(28V Input, Single/Dual Output)
The ATS Series converters utilize a single-ended
forward topology with resonant reset. The nominal
switching frequency is 500KHz. Electrical isolation
and tight output regulation are achieved through the
use of a magnetically coupled feedback. Voltage
feed-forward with duty factor limiting provides high
line rejection and protection against output over
voltage in the event of an internal control loop failure.
This mechanism limits the maximum output voltage
to approximately 20% over the nominal regardless
of the line voltage.
Circuit Description
An internal EMI filter allows the converter to meet
the conducted emissions requirements of MIL-STD-
461C on the input power leads. A single-stage output
filter reduces the typical output ripple to less than
50mV peak-to-peak. Output current is limited under
any load fault condition to approximately 125% of
rated.
An overload condition causes the converter output
to behave like a constant current source with the
output voltage dropping below nominal. The
converter will resume normal operation when the
load current is reduced below the current limit point.
This protects the converter from both overload and
short circuit conditions. The current limit point
exhibits a slightly negative temperature coefficient
to reduce the possibility of thermal runaway.
An external inhibit port is provided to control
converter operation. The converter’s operation is
inhibited when this pin is pulled low. It is designed
to be driven by an open collector logic device. The
pin may be left open for normal operation and has a
nominal open circuit voltage of 10.5V with respect
to the input return (pin 2). The output voltage of all
models can be adjusted using a single external
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com