Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS2800S Datasheet(PDF) 3 Page - International Rectifier

Part # ATS2800S
Description  HIGH RELIABILITY DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATS2800S Datasheet(HTML) 3 Page - International Rectifier

  ATS2800S Datasheet HTML 1Page - International Rectifier ATS2800S Datasheet HTML 2Page - International Rectifier ATS2800S Datasheet HTML 3Page - International Rectifier ATS2800S Datasheet HTML 4Page - International Rectifier ATS2800S Datasheet HTML 5Page - International Rectifier ATS2800S Datasheet HTML 6Page - International Rectifier ATS2800S Datasheet HTML 7Page - International Rectifier ATS2800S Datasheet HTML 8Page - International Rectifier ATS2800S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.irf.com
3
ATS SERIES
(28V Input, Single/Dual Output)
1 Meets derating per MIL-STD-975
2
For operation at +125°C see table note 13
Electrical Performance Characteristics
For Notes to Electrical Performance Characteristics Table, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
16
28
50
V
Output Voltage ( Vout )
ATS2803R3S
ATS2805S
ATS2812S
ATS2815S
ATS2805D
ATS2812D
ATS2815D
ATS2803R3S
ATS2805S
ATS2812S
ATS2815S
ATS2805D
ATS2812D
ATS2815D
1
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
3.27
4.95
11.88
14.85
±4.95
±11.88
±14.85
3.23
4.90
11.76
14.70
±4.90
±11.76
±14.70
3.30
5.00
12.00
15.00
±5.00
±12.00
±15.00
3.33
5.05
12.12
15.15
±5.05
±12.12
±15.15
3.37
5.10
12.24
15.30
±5.10
±12.24
±15.30
V
V
Output power ( POUT )
ATS2803R3S
All Others
1,2,3
VIN = 16, 28, 50 Volts, Note 2
0
0
20
25
W
Output current ( IOUT )
ATS2803R3S
ATS2805S
ATS2812S
ATS2815S
ATS2805D
ATS2812D
ATS2815D
1,2,3
VIN = 16, 28, 50 Volts, Note 2
Either Output, Note 3
Either Output, Note 3
Either Output, Note 3
0
0
0
0
0
0
0
6.06
5.00
2.08
1.67
4.00
1.67
1.33
A
Line regulation ( VRLINE )
1,2,3
VIN = 16, 28, 50 Volts
IOUT = 0, 50%, 100% rated, Note 4
-0.5
0.5
%
Load regulation ( VRLOAD )
1,2,3
IOUT = 0, 50%, 100% rated, Note 4
VIN = 16, 28, 50 Volts
-1.0
1.0
%
Cross regulation ( VRCROSS )
ATS2805D
ATS2812D
ATS2815D
1,2,3
VIN = 16, 28, 50 Volts
Duals only, Note 5
-5.0
-3.0
-3.0
5.0
3.0
3.0
%
Input voltage range
-0.5Vdc to +75Vdc
Input voltage range
+16Vdc to +50Vdc
Output power
Internally limited
Input voltage range
1
+16Vdc to +38Vdc
Lead temperature
+300°C for 10 seconds Output power
0 to Max. Rated
Operating case temperature
-55°C to +125°C
Operating temperature
2
-55°C to +125°C
Storage temperature
-55°C to +135°C
Operating temperature
1
-55°C to +70°C
Recommended Operating Conditions
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com