Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS6021 Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS6021
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS6021 Datasheet(HTML) 3 Page - International Rectifier

  AUIPS6021 Datasheet HTML 1Page - International Rectifier AUIPS6021 Datasheet HTML 2Page - International Rectifier AUIPS6021 Datasheet HTML 3Page - International Rectifier AUIPS6021 Datasheet HTML 4Page - International Rectifier AUIPS6021 Datasheet HTML 5Page - International Rectifier AUIPS6021 Datasheet HTML 6Page - International Rectifier AUIPS6021 Datasheet HTML 7Page - International Rectifier AUIPS6021 Datasheet HTML 8Page - International Rectifier AUIPS6021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AUIPS6021(S)(R)
3
www.irf.com
© 2012 International Rectifier
February 3, 2013
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. Tj= -40°C..150°C, Vcc=6..35V (unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-35 Vcc+0.3
V
Voffset
Maximum logic ground to load ground offset
Vcc-35 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
36
Vcc cont.
Maximum continuous Vcc voltage
28
Vcc sc.
Maximum Vcc voltage with short circuit protection
28
Iin max.
Maximum IN current
-3
10
mA
Idg max.
Maximum diagnostic output current
-3
10
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Pd
Maximum power dissipation (internally limited by thermal protection)
25
W
Rth=5°C/W AUIPS6021
Rth=40°C/W AUIPS6021S 1”sqrt. footprint
3.1
Rth=50°C/W AUIPS6021R 1”sqrt. footprint
2.5
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Tsoldering
Soldering temperature (10 seconds)
300
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient AUIPS6021 TO220 free air
50
°C/W
Rth2
Thermal resistance junction to case AUIPS6021 TO220
2.6
Rth1
Thermal resistance junction to ambient AUIPS6021S D²Pak std. footprint
60
Rth2
Thermal resistance junction to ambient AUIPS6021S D²Pak 1” sqrt.
Footprint
40
Rth3
Thermal resistance junction to case AUIPS6021S D²Pak
2.6
Rth1
Thermal resistance junction to ambient AUIPS6021R D-Pak std. footprint
70
Rth2
Thermal resistance junction to ambient AUIPS6021R D-Pak 1” sqrt.
Footprint
50
Rth3
Thermal resistance junction to case AUIPS6021R D-Pak
2.6
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
0
0.9
Iout
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
A
Rth=5°C/W AUIPS6021
12
Rth=40°C/W AUIPS6021S 1” sqrt. footprint
4.3
Rth=50°C/W AUIPS6021R 1” sqrt. footprint
3.9
Rin
Recommended resistor in series with IN pin
4
10
k
Ω
Rdgs
Recommended resistor in series with DG pin for reverse battery protection
4
20
Rdgp
Recommended pull-up resistor for DG
4
20
Rol
Recommended pull-up resistor for open load detection
5
100
F max.
Max. switching frequency
1.5
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com