Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS6021 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS6021
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS6021 Datasheet(HTML) 1 Page - International Rectifier

  AUIPS6021 Datasheet HTML 1Page - International Rectifier AUIPS6021 Datasheet HTML 2Page - International Rectifier AUIPS6021 Datasheet HTML 3Page - International Rectifier AUIPS6021 Datasheet HTML 4Page - International Rectifier AUIPS6021 Datasheet HTML 5Page - International Rectifier AUIPS6021 Datasheet HTML 6Page - International Rectifier AUIPS6021 Datasheet HTML 7Page - International Rectifier AUIPS6021 Datasheet HTML 8Page - International Rectifier AUIPS6021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Automotive grade
AUIPS6021(S)(R)
1
www.irf.com
© 2012 International Rectifier
February 3, 2013
INTELLIGENT POWER HIGH SIDE SWITCH
Features
•
Over temperature shutdown (with auto-restart)
•
Short circuit protection (current limit)
•
Reverse battery protection (turns On the MOSFET)
•
Full diagnostic capability (short circuit to battery)
•
Active clamp
•
Open load detection in On and Off state
•
Ground loss protection
•
Logic ground isolated from power ground
•
ESD protection
•
Lead Free and RoHS compliant
Description
The AUIPS6021(S)(R) is a five terminal Intelligent Power
Switch (IPS) for use in a high side configuration. It features
short circuit, over-temperature, ESD protection, inductive load
capability and diagnostic feedback. The output current is
limited to the Ilim value. The current limitation is activated until
the thermal protection acts. The over-temperature protection
turns off the device if the junction temperature exceeds the
Tshutdown value. It will automatically restart after the junction
has cooled 7°C below the Tshutdown value. The reverse
battery protection turns On the MOSFET. A diagnostic pin
provides different voltage levels for each fault condition. The
double level shifter circuitry will allow large offsets between
the logic and load ground.
Product Summary
Rds(on)
30m
Ω max.
Vclamp
39V
I Limit
32A
Open load
3V / 1.1A
Packages
TO-220
D²Pak
D-Pak
AUIPS6021
AUIPS6021S
AUIPS6021R
Typical Connection
Control
Rin
Load
+Bat
Input Signal
V Diag
Rdgs
Pull-up resistors required for
open load off and short
circuit to Vbat detection
Rdgp
+5V
Out(5)
Dg(4)
Vcc(3)
In(2)
Gnd(1)


Similar Part No. - AUIPS6021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6011 IRF-AUIPS6011 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011R IRF-AUIPS6011R Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011RTR IRF-AUIPS6011RTR Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011RTRL IRF-AUIPS6011RTRL Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - AUIPS6021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com