Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 1 Page - International Rectifier

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR08152S Datasheet(HTML) 1 Page - International Rectifier

  AUIR08152S_15 Datasheet HTML 1Page - International Rectifier AUIR08152S_15 Datasheet HTML 2Page - International Rectifier AUIR08152S_15 Datasheet HTML 3Page - International Rectifier AUIR08152S_15 Datasheet HTML 4Page - International Rectifier AUIR08152S_15 Datasheet HTML 5Page - International Rectifier AUIR08152S_15 Datasheet HTML 6Page - International Rectifier AUIR08152S_15 Datasheet HTML 7Page - International Rectifier AUIR08152S_15 Datasheet HTML 8Page - International Rectifier AUIR08152S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AUIR08152S
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
August. 27, 2014
Automotive Grade
BUFFER GATE DRIVER INTEGRATED CIRCUIT
Features
High peak output current
Negative turn-off bias
Separate Ron / Roff resistors
Low supply current
Under-voltage lockout
Full time ON capability
Low propagation delay time
Gate clamping when no supply
Automotive qualified
Applications
High power inverters
EV/HEV power trains
Product Summary
Outputs Current:
+/- 10A
Operating Voltage:
13V to 25V
Negative Gate Bias:
0 to -10V
Package
SOIC8
Description
The AUIR08152 buffer brings high power gate drive capability to all pre-driver stages. It is the output extension of
the wide I.R gate driver families. It features a negative Gate bias for applications requiring high levels of dv/dt
immunity, a low power consumption mode as well as the full time ON gate drive ability. Shoot-through prevention is
extended even when the AUIR08152S supplies are absent by mean of a Gate to Emitter self-clamping impedance.
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
AUIR08152S
SOIC8
Tube
95
AUIR08152S
Tape and reel
2500
AUIR08152STR
Typical Connection


Similar Part No. - AUIR08152S_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR08152STR INFINEON-AUIR08152STR Datasheet
1Mb / 18P
BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
More results

Similar Description - AUIR08152S_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
Integrated Circuit Stepper Motor Driver
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
Gauge Driver Integrated Circuit
logo
NTE Electronics
NTE1026 NTE-NTE1026 Datasheet
76Kb / 1P
Integrated Circuit Module, Hybrid OSC/Buffer
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
Integrated Circuit Audio Driver
logo
Infineon Technologies A...
6ED003L06-F INFINEON-6ED003L06-F Datasheet
293Kb / 18P
Integrated 3 Phase Gate Driver
Rev. 2.1, Dec 2008
logo
International Rectifier
AUIR0815S IRF-AUIR0815S Datasheet
488Kb / 19P
BUFFER GATE DRIVER IC
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
UN Semiconducctor INC
UNG6505N170-PD68 UNSEMI-UNG6505N170-PD68 Datasheet
4Mb / 12P
GaN HEMT integrated Gate Driver
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com