Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR-3100I-R11A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASR-3100I-R11A1E
Description  1U Rackmount dual Xeon E5-2600 v3 NVMe Storage Server, supporting 16 x SFF-8639 2.5" NVMe SSD and 2 x PCIe Gen III x8 slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASR-3100I-R11A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASR-3100I-R11A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASR-3100I-R11A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Storage
Features
ASR-3100
Specifications
Processor System
Chipset
Intel C612 Chipset
CPU
Intel Xeon E5-2600(v3) dual processor (Max TDP Support is TBD)
Intel Xeon E5-1600 (v3) Series (TBD)
Memory
16 x DDR4-2133 RDIMM, maximum to 512GB
Graphics
Controller
Aspeed AST2400
VRAM
64 MB
Expansion Slot
PXIe x8
Two PCIe x8 slots (Gen3), one is HHHL card and the other one is FHHL card
Drive Bay
2.5" (Front Hot-Swap)
16
Ethernet
Interface
2 x 1 GB Base-T Ethernet
Controller
Intel X210 *2
Front I/O Interface
USB
2 x USB 2.0
Rear I/O Interface
USB
4 x USB 3.0
PS/2
-
COM
1
Disaplay
1 x VGA
RJ-45
2
Internal connector
Type-A USB
-
SATA
2 (SATA M.2 2242)
LPC
-
Watchdog Timer
Output
Inturrupt, system reset
Interval
Programmable, 1~255 sec
Power Supply
Power Output Wattage
80 PLUS Platinum 1+1 redundant Power Supply
900W @ 100 ~ 120V
1100W @ 200 ~ 240V
Input Range
AC 100 ~ 240 V
Cooling
Chassis Fan
TBD
Air Filter
-
Miscellaneous
LED Indicators
Power status, HDD activity, Lan status, Location, Error Message
Remote Management
Advantech Remote Monitoring Utility
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32~104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C
10 ~ 95% @ 40° C
Vibration (5 ~ 500 Hz)
TBD
TBD
Shock
TBD
TBD
Physical Characteristics
Dimension (D x W x H)
806 x 430 x 44 mm
1U Rackmount dual Xeon E5-2600 v3
NVMe Storage Server, supporting 16 x
SFF-8639 2.5" NVMe SSD and 2 x PCIe
Gen III x8 slot
ƒ Processor: Dual LGA 2011-R3 Intel Xeon E5-2600 v3 series, up to 24 cores
/ 48 threads
ƒ Memory : DDR4-2133 RDIMM up to 512GB
ƒ Supports 16pcs front hot-plug 2.5" NVMe/SAS/SATA drives
ƒ Remote Management: IPMI function support
ƒ Expansion:Supporting 2 *PCIe x8 Cards
ƒ PSU: 1100W 1+1 redundant power supply with 80 PLUS Platinum level
certification
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 13-Jul-2015


Similar Part No. - ASR-3100I-R11A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASR-3100 ADVANTECH-ASR-3100 Datasheet
470Kb / 2P
1U Rackmount Dual Intel짰 Xeon짰 E5-2600 v3/v4 Storage Server with 16 x 2.5 NVMe SSDs and 2 x PCIe Gen III x8 Slots
27-Jun-2018
ASR-3100PP-R11A1E ADVANTECH-ASR-3100PP-R11A1E Datasheet
470Kb / 2P
1U Rackmount Dual Intel짰 Xeon짰 E5-2600 v3/v4 Storage Server with 16 x 2.5 NVMe SSDs and 2 x PCIe Gen III x8 Slots
27-Jun-2018
ASR-3100PT-R11A1E ADVANTECH-ASR-3100PT-R11A1E Datasheet
470Kb / 2P
1U Rackmount Dual Intel짰 Xeon짰 E5-2600 v3/v4 Storage Server with 16 x 2.5 NVMe SSDs and 2 x PCIe Gen III x8 Slots
27-Jun-2018
ASR-3100SS-R11A1E ADVANTECH-ASR-3100SS-R11A1E Datasheet
470Kb / 2P
1U Rackmount Dual Intel짰 Xeon짰 E5-2600 v3/v4 Storage Server with 16 x 2.5 NVMe SSDs and 2 x PCIe Gen III x8 Slots
27-Jun-2018
ASR-3100 ADVANTECH-ASR-3100_V01 Datasheet
470Kb / 2P
1U Rackmount Dual Intel짰 Xeon짰 E5-2600 v3/v4 Storage Server with 16 x 2.5 NVMe SSDs and 2 x PCIe Gen III x8 Slots
27-Jun-2018
More results

Similar Description - ASR-3100I-R11A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AGS-910I-R11A1E ADVANTECH-AGS-910I-R11A1E Datasheet
773Kb / 2P
1U Rackmount Xeon E5-2600 / 2600 v2 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-913I-R11A1E ADVANTECH-AGS-913I-R11A1E Datasheet
958Kb / 2P
1U Rackmount Xeon E5-2600 v3 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-920I-R14A1E ADVANTECH-AGS-920I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
AGS-923I-R14A1E ADVANTECH-AGS-923I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 v3 GPU server, Supporting 4 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
1U Rackmount Intel Xeon E5-2600 v3 GPU server
ASR-3100 ADVANTECH-ASR-3100_V01 Datasheet
470Kb / 2P
1U Rackmount Dual Intel짰 Xeon짰 E5-2600 v3/v4 Storage Server with 16 x 2.5 NVMe SSDs and 2 x PCIe Gen III x8 Slots
27-Jun-2018
logo
Tripp Lite. All Rights ...
P970-U2M2 TRIPPLITE-P970-U2M2 Datasheet
54Kb / 2P
U.2 to M.2 Adapter for M.2 PCIe NVMe SSD, SFF- 8639
PCE-U2-PX4 TRIPPLITE-PCE-U2-PX4 Datasheet
44Kb / 2P
U.2 to PCIe Adapter for 2.5" NVMe U.2 SSD, SFF- 8639, PCI Express (x4) Card
logo
Advantech Co., Ltd.
SQF-C25920-D ADVANTECH-SQF-C25920-D Datasheet
363Kb / 1P
PCIe Gen.3 x4 U.2 2.5" SSD (SFF-8639)
1-Jun-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com