Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR-3100I-R11A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASR-3100I-R11A1E
Description  1U Rackmount dual Xeon E5-2600 v3 NVMe Storage Server, supporting 16 x SFF-8639 2.5" NVMe SSD and 2 x PCIe Gen III x8 slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASR-3100I-R11A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASR-3100I-R11A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASR-3100I-R11A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASR-3100
Ordering Information
Part Number
2.5" Front HDD Bay
VGA Chip
10GB Base-T
IPMI
Power supply
ASR-3100I-R11A1E
16
AST 2400
2
YES
1+1 1100W RPS
System Contents
Items
Advantech P/N
Quantity
CPU0 heatsink
TBD
1
CPU1 heatsink
TBD
1
Slide rail kit
TBD
1
Driver CD
TBD
1
Startup manual
TBD
1
Front View
Back View
Rear View
Dimensions
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com