Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2105CWI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX2105CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2105CWI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX2105CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 9Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 10Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 11Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 12Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 13Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 14Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 15Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
GaAsFET can serve this function. This circuitry is usual-
ly required in order to meet system noise-figure require-
ments, may provide a buffered F-connector output, and
may also be required to meet stringent LO leakage
requirements. The PIN attenuator is typically controlled
by the same voltage as the MAX2102/MAX2105 AGC
control pin so that, overall, a single AGC line from the
baseband processor can control the entire tuner.
In some applications, a varactor-tuned preselection
bandpass filter is added between the discrete LNA and
the MAX2102/MAX2105. This is usually required only
for very high-linearity tuners, such as those designed
for single channel-per-carrier (low-data-rate) applica-
tions. The filter provides a means of broadly filtering
adjacent interferers, thus improving the tuner’s inter-
modulation performance. Additionally, the filter
removes the RF interference at twice the LO frequency,
which would otherwise add to cochannel interference
(the MAX2102/MAX2105 alone reject this carrier to typi-
cally -32.3dBc).
External Oscillator
Since the MAX2102/MAX2105 are direct-conversion
receivers, the external LO must tune to the same fre-
quencies as the desired RF input signals.
The MAX2102/MAX2105 oscillator input port (LO, LO)
accepts either a single-ended or differential (balanced)
LO signal. A differential LO offers reduced LO leakage
to the RFIN port, as well as lower spurious downconver-
sion levels of RF signals, which are at twice the LO fre-
quency. Refer to Figure 3 for differential LO
connections. For best performance, ensure that the LO
and LO traces are symmetrical.
The LO drive levels should be maintained to within the
specified limits. If the LO drive falls below the specified
range, quadrature performance may be affected.
Driving LO above the specified limits will cause a high-
er LO leakage level at RFIN; this may be acceptable in
some applications. The MAX2102/MAX2105 offset-cor-
rection loop can withstand LO leakage levels corre-
sponding to at least 0dBm of LO input power drive.
Prescaler
Typical stand-alone tuner applications will not use the
MAX2102/MAX2105 prescaler function, but instead use
a commercial synthesizer IC such as the Philips
TSA5055, which has an internal prescaler. To disable
the MAX2102/MAX2105 prescaler, disconnect the
PSGND pin (leave open). The prescaler will cause an
output spur in the baseband spectrum, to a level of
about -20dBc (referred to 500mVp-p baseband output
level) that may land within the desired signal bandwidth
in some applications.
To use the MAX2102/MAX2105 prescaler, connect the
PSGND pin to ground. In some applications, the
prescaler may be toggled on and off using a MOSFET
to switch PSGND to ground. PSGND should be forced
to within 100mV of ground, and the MOSFET must be
capable of sinking 15mA. PSOUT is capable of driving
a typical CMOS load of 10k
Ω in parallel with 5pF. A
2k
Ω pull-down resistor must be connected from PSOUT
to GND.
The prescaler requires a stable level at the MOD pin
12ns before the falling edge of PREOUT to assert the
desired modulus. The level at MOD must remain static
until 3ns after this falling edge.
Baseband Amplifiers
The MAX2102/MAX2105 baseband amplifiers provide
over 2Vp-p swing at IOUT and QOUT, and are capable
of driving 100
Ω. IOUT and QOUT must be AC-coupled
to any lowpass filters. In a typical application, IOUT and
QOUT drive a 5th or 7th-order lowpass filter for ADC
anti-aliasing purposes (see the
Systems Considerations:
Lowpass Filters in Direct-Conversion Tuners section).
After the filters, in some cases, additional gain may be
required. This can be accomplished with a pair of video-
speed op amps, such as the MAX4216 dual-video op
amp. Alternatively, the MAX1002/MAX1003 dual ADC
has built-in gain ahead of the ADCs, digitizing levels as
low as 125mVp-p. Contact Maxim for more information
about the MAX4216 or the MAX1002/MAX1003.
Direct-Conversion Tuner ICs for
Digital DBS Applications
12
______________________________________________________________________________________
MAX2102
MAX2105
22
Ω
56
Ω
22pF
LO
22
21
22
Ω
56
Ω
22pF
LO POWER:
-15dBm TO -5dBm,
POWER INTO LO, LO.
LO, LO DRIVEN DIFFERENTIALLY
LO
Figure 3. Differential LO Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com