Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2105CWI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2105CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2105CWI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2105CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 9Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 10Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 11Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 12Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 13Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 14Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 15Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Power-Supply Sequencing
The MAX2102/MAX2105 have several +5V supply pins.
The supply layout should be in a star format, with a
bypass capacitor that dominates the rise time of the
supply at the center of the star, to ensure that all pins
see approximately the same voltage during power-up.
The prescaler VCC (pin 28) must be connected to the
same VCC as the other VCC pins, even if the prescaler
is not used. Leaving PSGND open will disable the
prescaler function and, in this state, the prescaler will
not dissipate any power.
Systems Consideration: Lowpass Filters in
Direct-Conversion Tuners
Typically, a 5th or 7th-order L-C lowpass filter is used
for anti-aliasing the ADCs following the MAX2102.
Figures 4 and 5 describe typical filtering requirements.
Table 1 offers suggested component values for these
lowpass filters.
Chip Information
TRANSISTOR COUNT: 1852
SUBSTRATE CONNECTED TO GND
Direct-Conversion Tuner ICs for
Digital DBS Applications
14
______________________________________________________________________________________
Q
I
“1”
“2”
“3”
“4”
MATCHED FILTERS
DIGITAL SIGNAL PROCESSING
ANALOG LP FILTERS
ADCs
MAX2102
MAX2105
Figure 4. I, Q Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com