Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB2800S Datasheet(PDF) 7 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 7 Page - International Rectifier

Back Button HTB2800S_15 Datasheet HTML 3Page - International Rectifier HTB2800S_15 Datasheet HTML 4Page - International Rectifier HTB2800S_15 Datasheet HTML 5Page - International Rectifier HTB2800S_15 Datasheet HTML 6Page - International Rectifier HTB2800S_15 Datasheet HTML 7Page - International Rectifier HTB2800S_15 Datasheet HTML 8Page - International Rectifier HTB2800S_15 Datasheet HTML 9Page - International Rectifier HTB2800S_15 Datasheet HTML 10Page - International Rectifier HTB2800S_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.irf.com
7
HTB28XXS
(185°C, 28V Input, Single Output)
5. Under Voltage Lock Out Protection:
A minimum voltage is required at the input of the converter to initiate operation. This voltage is set to 14.5V
± 0.5V. To preclude the possibility of noise or other variations at the input falsely initiating and halting
converter operation, a hysteresis of approximately 1.0V is incorporated in this circuit. Thus if the input
voltage droops to 12.5V ± 0.5V, the converter will shut down and remain inoperative until the input voltage
returns to
≈14.5V.
6. Lay-out and Connection of the HTB Converter:
It is recommended to connect the HTB converter to the input power and to the load with as short wires as
possible for best results. It is recommended that TEFLON coated stranded copper wires of correct AWG
gauge be employed to meet current capacity and insulation requirements at high temperatures. Input
Positive and Return wires can be twisted and likewise output Positive and Return wires can be twisted. If
shielded wires are employed, shields can be connected to input return for input wires. Likewise, shield can
be connected to output return for connections to load. As explained above, the case of the HTB converter
can be grounded/earthed.
For noisy input power, it is recommended that an input EMI filter, comprising common mode and differential
mode inductors be placed ahead of the HTB converter. These external inductors combined with the internal
2
µF capacitors would further attenuate noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com