Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB2800S Datasheet(PDF) 11 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 11 Page - International Rectifier

Back Button HTB2800S_15 Datasheet HTML 3Page - International Rectifier HTB2800S_15 Datasheet HTML 4Page - International Rectifier HTB2800S_15 Datasheet HTML 5Page - International Rectifier HTB2800S_15 Datasheet HTML 6Page - International Rectifier HTB2800S_15 Datasheet HTML 7Page - International Rectifier HTB2800S_15 Datasheet HTML 8Page - International Rectifier HTB2800S_15 Datasheet HTML 9Page - International Rectifier HTB2800S_15 Datasheet HTML 10Page - International Rectifier HTB2800S_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.irf.com
11
HTB28XXS
(185°C, 28V Input, Single Output)
WORLD HEADQUARTERS: 101 N. Sepulveda Blvd, El Segundo, California 90245, Tel: (310) 252-7105
IR SAN JOSE: 2520 Junction Avenue, San Jose, California 95134, Tel: (408) 434-5000
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 07/2015
Part Numbering
Note: Custom screening available upon request.
Device Screening
Requirement
MIL-STD-883 Method
Conidtions
Internal Visual
2017
Pre-seal Inspection
Seal (Parallel Seam) including
Fine and Gross Leak Test
Temperature Cycling
1010
185°C to -35°C, 10 cycles
Constant Acceleration
2001
500g, 1 minute
PIND
2020
Test condition "A" , 20G Peak @ 40Hz
Burn-in
1015
185°C for 48 hours
External Visual
2009
1014
HTB 28 05 S N B
Model
Input Voltage
28 = 28V
Output Voltage
03R3 = 3.3V, 05 = 5V
12 = 12V, 15 = 15V
Output
S = Single
B = Manufacturing Location
Package Type
N = Flangeless
Blank = Flanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com