Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2121 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2121
Description  CURRENT LIMITING LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2121 Datasheet(HTML) 2 Page - International Rectifier

  IR2121 Datasheet HTML 1Page - International Rectifier IR2121 Datasheet HTML 2Page - International Rectifier IR2121 Datasheet HTML 3Page - International Rectifier IR2121 Datasheet HTML 4Page - International Rectifier IR2121 Datasheet HTML 5Page - International Rectifier IR2121 Datasheet HTML 6Page - International Rectifier IR2121 Datasheet HTML 7Page - International Rectifier IR2121 Datasheet HTML 8Page - International Rectifier IR2121 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IR2121 & (PbF)
2
www.irf.com
Parameter
Value
Symbol
Definition
Min.
Max.
Units
VCC
Fixed Supply Voltage
-0.3
25
VS
Gate Drive Return Voltage
VCC - 25
VCC + 0.3
VO
Output Voltage
VS - 0.3
VCC + 0.3
VIN
Logic Input Voltage
-0.3
VCC + 0.3
VERR
Error Signal Voltage
-0.3
VCC + 0.3
VCS
Current Sense Voltage
VS - 0.3
VCC + 0.3
PD
Package Power Dissipation @ TA ≤ +25°C
—
1.0
W
RthJA
Thermal Resistance, Junction to Ambient
—
125
°C/W
TJ
Junction Temperature
—
150
TS
Storage Temperature
-55
150
°C
TL
Lead Temperature (Soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured
under board mounted and still air conditions.
Parameter
Value
Symbol
Definition
Min.
Max.
Units
VCC
Fixed Supply Voltage
VS + 12
VS + 18
VS
Gate Drive Return Voltage
-5
5
VO
Output Voltage
VS
VCC
VIN
Logic Input Voltage
0
VCC
VERR
Error Signal Voltage
0
VCC
VCS
Current Sense Signal Voltage
VS
VCC
TA
Ambient Temperature
-40
125
°C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com