Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2121 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2121
Description  CURRENT LIMITING LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2121 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2121 Datasheet HTML 7Page - International Rectifier IR2121 Datasheet HTML 8Page - International Rectifier IR2121 Datasheet HTML 9Page - International Rectifier IR2121 Datasheet HTML 10Page - International Rectifier IR2121 Datasheet HTML 11Page - International Rectifier IR2121 Datasheet HTML 12Page - International Rectifier IR2121 Datasheet HTML 13Page - International Rectifier IR2121 Datasheet HTML 14Page - International Rectifier IR2121 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IR2121 & (PbF)
www.irf.com
11
Figure 22A. Logic “0” Input Current vs. Temperature
Figure 22B. Logic “0” Input Current vs. Voltage
Figure 24A. “Low” CS Bias Current vs. Temperature
Figure 24B. “Low” CS Bias Current vs. Voltage
Figure 23A. “High” CS Bias Current vs. Temperature
Figure 23B. “High” CS Bias Current vs. Voltage
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Max.
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0.0
5.0
10.0
15.0
20.0
25.0
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com