Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2264E/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2264E/D
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2264E/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2264E/D Datasheet HTML 1Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 2Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 3Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 4Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 5Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 6Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 7Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 8Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
AMPS Output Power (Note 1)
POUT
30.5
31
dBm
Adjacent-Channel Power Ratio
Limit (Notes 1, 2)
ACPR
-44
dBc
Alternate-Channel Power Ratio
Limit (Notes 1, 2)
ACPR
-56
dBc
AMPS Power-Added Efficiency
PAE
44
%
Power-Mode Switching Time
550
ns
Turn-On Time (Notes 1, 4)
15
µs
Maximum Input VSWR
VSWR
Nonharmonic Spurious due
to Load Mismatch (Notes 1, 5)
-60
dBc
Noise Power (Note 6)
-139
-136
AMPS Noise Power (Note 6)
-138
dBm/Hz
Harmonic Suppression
32
dBc
CONDITIONS
PIN = 8dBm
PIN = 8dBm
(Note 4)
VCC = 2.8V to 5.0V, offset = 885kHz,
30kHz BW, fIN = 824MHz to 849MHz
VCC = 2.8V to 5.0V, offset = 1980kHz,
30kHz BW, fIN = 824MHz to 849MHz
PWR = VCC or GND
fIN = 824MHz to 849MHz, PWR = GND or VCC
PIN = 10dBm
Measured at 881MHz
PWR = GND, measured at 881MHz
Measured at 881MHz, PIN = 8dBm
(Note 7)
dBm/Hz
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
26
26.5
Output Power (Note 1)
POUT
27
28
dBm
Gain Variation vs. Temperature
(Note 1)
±0.7
dB
AMPS Output Power (Note 1)
POUT
30
31
dBm
Adjacent-Channel Power Ratio
(Notes 1, 2)
ACPR
-44
-45
dBc
Alternate-Channel Power Ratio
(Notes 1, 2)
ACPR
-56
-57
dBc
Frequency Range (Notes 1, 2)
fIN
824
849
MHz
23
CONDITIONS
VCC = 2.8V, PIN adjusted to meet ACPR
specification, fIN = 824MHz to 849MHz
PIN adjusted to meet ACPR specification,
fIN = 824MHz to 849MHz
TA = TMIN to TMAX, relative to TA = +25°C
PIN = 8dBm
VCC = 2.8V to 5.0V, offset = 885kHz,
30kHz BW, fIN = 824MHz to 849MHz
VCC = 2.8V to 5.0V, offset = 1980kHz,
30kHz BW, fIN = 824MHz to 849MHz
TA = TMIN to TMAX
Power Gain (Note 1)
GP
24
25.5
dB
TA = +25°C
AC ELECTRICAL CHARACTERISTICS—MAX2264 (continued)
(MAX2264 EV kit, VCC = VPWR = V SHDN = +3.3V, TA = +25°C, fIN = 836MHz, CDMA modulation, SHDN = VCC, matching networks
tuned for 824MHz to 849MHz operation, 50
Ω system, unless otherwise noted.)
32
PWR = VCC, PIN adjusted to meet ACPR
specification
Power-Added Efficiency
(Note 3)
PAE
12
%
PWR = GND, PIN adjusted to meet ACPR
specification
AC ELECTRICAL CHARACTERISTICS—MAX2265
(MAX2265 EV kit, VCC = V SHDN = +3.3V, TA = +25°C, fIN = 836MHz, CDMA modulation, matching networks tuned for 824MHz to
849MHz operation, 50
Ω system, unless otherwise indicated.)
2.4:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com