Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2264E/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2264E/D
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2264E/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2264E/D Datasheet HTML 1Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 2Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 3Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 4Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 5Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 6Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 7Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 8Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—MAX2265 (continued)
(MAX2265 EV kit, VCC = V SHDN = +3.3V, TA = +25°C, fIN = 836MHz, CDMA modulation, matching networks tuned for 824MHz to
849MHz operation, 50
Ω system, unless otherwise indicated.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power-Added Efficiency
(Note 3)
PAE
37
%
7
AMPS Power-Added Efficiency
PAE
48
%
Turn-On Time (Notes 1, 4)
15
µs
Maximum Input VSWR
VSWR
1.3:1
Nonharmonic Spurious Due
to Load Mismatch (Notes 1, 5)
-60
dBc
Noise Power (Note 6)
-140
dBm/Hz
AMPS Noise Power (Note 6)
-139
dBm/Hz
Harmonic Suppression
47
dBc
CONDITIONS
PIN adjusted to give POUT = 28dBm
PIN adjusted for POUT = 16dBm
PIN = 8dBm
fIN = 824MHz to 849MHz
PIN = 10dBm
Measured at 881MHz
Measured at 881MHz, PIN = 8dBm
(Note 7)
AC ELECTRICAL CHARACTERISTICS—MAX2266
(MAX2266 EV kit, VCC = V SHDN = +3.3V, TA = +25°C, fIN = 836MHz, CDMA modulation, matching networks tuned for 824MHz to
849MHz operation, 50
Ω system, unless otherwise indicated.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Power
(Low-Power Mode) (Note 1)
POUT
14
15.5
dBm
26
27
Output Power
(High-Power Mode) (Note 1)
POUT
27
28
dBm
25
27.5
13
14
Power Gain (Note 1)
Frequency Range (Notes 1, 2)
fIN
824
849
MHz
GP
24.5
26
dB
23
CONDITIONS
PWR = GND, PIN adjusted to meet ACPR
specification, fIN = 824MHz to 849MHz
PWR = VCC = 2.8V, PIN adjusted to meet
ACPR specification, fIN = 824MHz to 849MHz
PWR = VCC, PIN adjusted to meet ACPR
specification, fIN = 824MHz to 849MHz
PWR = GND
PWR = GND, VCC = 2.8V, PIN adjusted to meet
ACPR specification, fIN = 824MHz to 849MHz
PWR = VCC or GND
PWR = VCC
Gain Variation vs. Temperature
(Note 1)
±0.8
dB
TA = TMIN to TMAX, relative to TA = +25°C
TA = +25°C
TA = TMIN to TMAX
Power-Added Efficiency
(Note 3)
PAE
32
%
17
PWR = VCC, PIN adjusted to meet ACPR
specification
PWR = GND, PIN adjusted to meet ACPR
specification
AMPS Output Power (Note 1)
POUT
31
32
dBm
PIN = 8dBm
Alternate-Channel Power Ratio
Limit (Notes 1, 2)
ACPR
-56
dBc
VCC = 2.8V to 5.0V, offset = 1980kHz,
30kHz BW, fIN = 824MHz to 849MHz
Adjacent-Channel Power Ratio
Limit (Notes 1, 2)
ACPR
-44
dBc
VCC = 2.8V to 5.0V, offset = 885kHz,
30kHz BW, fIN = 824MHz to 849MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com