Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTACM Datasheet(PDF) 1 Page - Central Technologies

Part # CTACM
Description  SMD Common Mode Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTACM Datasheet(HTML) 1 Page - Central Technologies

  CTACM Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2013 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.09.13
SMD Common Mode Chokes
www.ctparts.com
CTACM
Series
From 225 Ω to 1500 Ω
SPECIFICATIONS
Electrical Specifications at 25°C
Impedance
Impedance
Rated
DCR
Insulation
Rated
Part
(Ω)
(Ω)
Current
(Ω)
Resistance
Volage
Number
Min.
Typ.
(A)
Max.
(MΩ) Min.
(VDC)
CTACM7060F-301
225
300
5.0
0.010
10
80
CTACM7060F-701
500
700
4.0
0.015
10
80
CTACM8080F-901
700
900
5.0
0.008
10
80
CTACM9070F-701
500
700
5.0
0.010
10
80
CTACM9070F-152
1200
1500
4.5
0.015
10
80
CTACM1211F-701
500
700
8.0
0.006
10
80
CTACM1211F-102
750
1000
6.0
0.014
10
80
CTACM1513F-551
450
550
10.0
0.004
10
80
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS (mm)
PAD LAYOUT (mm)
Description: SMD Common Mode Choke.
Applications: LANs, telephones, personal computers, CD-ROM
drives, electronic games, etc.
Operating Temperature: -25°C to +85°C
Temperature Rise: 40°C
Testing: Impedance is tested on an HP4287A at 100MHz.
Packaging: Tape & Reel.
Marking: Parts are marked with impedence code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
E
D
C
CTACM7060F
CTACM8080F, CTACM9070F, CTACM1211F, CTACM1513F
B F
A
E
D
C
B F
H
Schematic
J
1
2
4
3
G
I
A
B
C
D
E
F
Max.
Typ.
G
H
I
J
Ref.
Ref.
Ref.
Ref.
7.0±0.3
6.0±0.2
4.0
1.6 Typ.
1.8 Typ.
3.0
8.9 Max.
8.3 Max.
5.0
1.5±0.2
1.5±0.2
4.5
9.0±0.5
7.0±0.3
5.0
1.5±0.2
1.5±0.2
3.5
12.0±0.5
11.0±0.3
6.0
2.7±0.2
2.3±0.2
5.2
15.0±0.5
13.0±0.4
6.0
2.7±0.2
2.3±0.2
6.5
3.0
6.5
2.5
1.6
4.5
7.7
3.5
2.5
3.5
8.5
2.5
1.8
5.2
10.8
3.2
2.7
6.5
13.7
3.3
2.7
Size
CTACM7060F
CTACM8080F
CTACM9070F
CTACM1211F
CTACM1513F
Size
CTACM7060F
CTACM8080F
CTACM9070F
CTACM1211F
CTACM1513F


Similar Part No. - CTACM

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
More results

Similar Description - CTACM

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
CCJ-2-260 TALEMA-CCJ-2-260 Datasheet
28Kb / 1P
Compact SMD Common Mode Chokes
CFJ-3-470B TALEMA-CFJ-3-470B Datasheet
25Kb / 1P
Compact SMD Common Mode Chokes
CLJ-2-060S TALEMA-CLJ-2-060S Datasheet
136Kb / 2P
Miniature SMD Common Mode Double Chokes
CMJ-2-060S TALEMA-CMJ-2-060S Datasheet
138Kb / 2P
Miniature SMD Common Mode Double Chokes
CMJ-2-110 TALEMA-CMJ-2-110 Datasheet
29Kb / 1P
SMD Miniature Common Mode Chokes
CTJ-2-110SE TALEMA-CTJ-2-110SE Datasheet
134Kb / 2P
Miniature SMD Common Mode Double Chokes
logo
FERYSTER Inductive Comp...
CMS4-11-3-4.8-4S2 FERYSTER-CMS4-11-3-4.8-4S2 Datasheet
76Kb / 9P
SMD common mode chokes
logo
Bel Fuse Inc.
SPDL BEL-SPDL Datasheet
2Mb / 13P
Ultra Compact SMD Common Mode Chokes
03.21
SPDL BEL-SPDL_V01 Datasheet
7Mb / 13P
Ultra Compact SMD Common Mode Chokes
Aug-17-2022
SPDL485025 BEL-SPDL485025 Datasheet
1Mb / 6P
Ultra Compact SMD Common Mode Chokes
August 10 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com