Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2430ISE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2430ISE
Description  Low-Voltage, Silicon RF Power Amplifier/Predriver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2430ISE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2430ISE Datasheet HTML 1Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 2Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 3Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 4Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 5Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 6Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 7Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 8Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Voltage, Silicon RF Power
Amplifier/Predriver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC1 = VCC2 = RFOUT = 3V to 5.5V, GND1 = GND2 = GND3 = GND4 = 0V, SHDN = 2.2V, BIAS = open, RFIN = open,
TA = -20°C to +85°C, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(MAX2430 EV kit, f = 915MHz, VCC = 3.6V, SHDN = VCC, RFOUT matched to 50Ω resistive load, output measurements taken after
matching network, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC1, VCC2 ..........................................................................+6V
SHDN, BIAS...................................................-0.3V, (VCC + 0.3V)
RFIN.............................................................................-0.3V, +2V
PRFIN..................................................................................-3dBm
Continuous Power Dissipation (TA = +70°C)
PwrQSOP (derate 20mW/°C above +70°C) ......................1.6W
Narrow SO (derate 20mW/°C above +70°C) ....................1.6W
Operating Temperature Range ...........................-20°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
SHDN = low
No RF input applied, VCC = 5.5V
BIAS pin open
SHDN = VCC
CONDITIONS
µA
110
ICC(OFF)
Shutdown Supply Current
mA
52
70
ICC
V
3
5.5
VCC
Supply Voltage Range
Supply Current
V
2.2
VBIAS
BIAS Pin Voltage
V
2.2
VCC
VSHDN(HI)
SHDN High Input
V
0.4
VSHDN(LO)
SHDN Low Input
µA
18
ISHDN
SHDN Bias Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 3.0V
VCC = 3.6V
(Note 2)
PRFIN = -20dBm
f1 = 915MHz, f2 = 916MHz,
POUT per tone = 14dBm
CONDITIONS
dBm
19
20.4
P1dB
POUT at 1dB Compression
20
21.4
MHz
800
1000
Frequency Range
32
34
dB
GP
Power Gain
dBc
-30
OIM3
Output IM3
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
POUT = P1dB
POUT = P1dB
POUT = P1dB
POUT = P1dB
RFIN connected to 50
Ω source
%
24
η
Efficiency
dBc
-40
dBc
-26
2nd Harmonic
3rd Harmonic
mA
160
ICCRF
Supply Current
2:1
VSWRIN
Maximum Input VSWR
VCC = 3V to 5.5V, PRFIN ≤ -10dBm (Note 3)
8:1
VSWROUT
Maximum Output Load
Mismatch
dB
7
NF
Noise Figure
VCC = 3V to 5.5V, PRFIN ≤ -12dBm (Note 4)
6:1
VSWROUT
Maximum Output Load
Mismatch for Stability
31
33
MAX2430ISE
MAX2430IEE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com