Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2430ISE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2430ISE
Description  Low-Voltage, Silicon RF Power Amplifier/Predriver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2430ISE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2430ISE Datasheet HTML 1Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 2Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 3Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 4Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 5Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 6Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 7Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 8Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Voltage, Silicon RF Power
Amplifier/Predriver
_______________________________________________________________________________________
3
25
20
15
5
10
0
250
150
200
100
50
0
PIN (dBm)
-15
-20
-5
-10
-25
OUTPUT POWER AND CURRENT
vs. INPUT POWER
POUT
3.6V
3.6V
5.5V
5.5V
3V
3V
ICC
25
20
15
10
5
250
200
150
100
50
TEMPERATURE (°C)
-20
0
20
40
60
80
100
OUTPUT POWER AND CURRENT
vs. TEMPERATURE
-5.5V
3.6V
3V
POUT @ PIN = -12dBm
POUT @ PIN = -17dBm
ICC @ PIN = -17dBm
ICC @ PIN = -12dBm
30
35
40
25
20
15
10
5
PIN (dBm)
-15
-20
-5
-10
-25
OUTPUT POWER AND GAIN
vs. INPUT POWER
POUT
3.6V
3.6V
5.5V
5.5V
3V
3V
GAIN
35
15
-20
40
60
80
100
OUTPUT POWER AND GAIN
vs. TEMPERATURE
(NORMAL OPERATING MODE)
20
30
TEMPERATURE (°C)
25
20
0
5.5V
3.6V
3.0V
PIN = -12dBm
GAIN
POUT
4.0
3.5
3.0
2.0
1.5
2.5
1.0
FREQUENCY (MHz)
400
600
800
1000
1200
1400
1600
INPUT VSWR
vs. FREQUENCY
3V
5V
150
100
50
-50
-100
0
-150
FREQUENCY (MHz)
800
400
1200
1600
2000
RF INPUT IMPEDANCE
vs. FREQUENCY
REAL
IMAG
__________________________________________Typical Operating Characteristics
(MAX2430EVKIT-SO, f = 915MHz, VCC = 3.6V, SHDN = VCC, output matched to 50Ω resistive load, output measurements taken after
matching network, TA = +25°C, unless otherwise noted.)
Note 1: Minimum and maximum parameters are guaranteed by design.
Note 2: For optimum performance at a given frequency, output matching network must be designed for maximum output power.
See
Applications Information section. Operation outside this frequency range is possible but has not been characterized.
Note 3: No damage to the device.
Note 4: All non-harmonically related outputs are more than 60dB below the desired signal for any electrical phase.
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2430 EV kit, f = 915MHz, VCC = 3.6V, SHDN = VCC, output matched to 50Ω resistive load, output measurements taken after
matching network, TA = +25°C, unless otherwise noted.) (Note 1)
CONDITIONS
BIAS pin capacitor C1 = 120pF
BIAS pin capacitor C1 = 2.2nF
dB
50
µs
1
10
Turn-On/Off Times
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SHDN = 0.4V,
PIN = -10dBm
dB
47
RFIN to RFOUT Isolation
MAX2430ISE
MAX2430IEE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com