Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-FUSB-A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-FUSB-A1E
Description  15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-FUSB-A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-FUSB-A1E Datasheet HTML 1Page - Advantech Co., Ltd. PPC-FUSB-A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel Computers & Panel PC
Features
PPC-4150W
15.6" Fanless Wide Screen Panel PC
with Intel Atom Dual-Core Processor
ƒ 15.6" TFT WXGA LED entirely flat panel with projected capacitive or resistive
touch touchscreens
ƒ Fanless design and low power consumption
ƒ Supports one internal SATA 2.5" HDD and 1 x mSATA socket
ƒ PCI or PCIe expansion support
ƒ Adjust RS-232/422/485 through BIOS
ƒ Automatic data flow control over RS-485
ƒ Wide Range DC 12~30V support
ƒ One right side USB port
ƒ Front panel compliant with IP65
Specifications
Processor system
CPU
Intel Atom D2550 1.86GHz 10W Dual Core CPU on board
Memory
SODIMM x 1, DDR3 1066, Max 4 GB
2nd Cache Memory
1 MB
Chipset
Intel NM10
Storage
mSATA x 1
HDD
1 x 2.5" SATA HDD Bay (Internal)
I/O Ports
4 x Serial ports: 3 x RS-232, 1 x RS-232/422/485 (Adjustable through BIOS)
5 x USB 2.0 ports (4 in Rear, 1 from right side)
1 x Line-out, 1 x MIC-in
1 x DB15 VGA
1 x DB9 GPIO port (8 pin programmable)
Bus Expansion
1 x MINI PCIe,
1 x PCIex1 or 1 x PCI
Network (LAN)
2 x 10/100/1000 Mbps Ethernet
Watchdog Timer
255 timer levels; setup by software
Dimensions
419.7 x 269 x 59 mm
Weight
5.5 Kg
OS support
OS Support
Win XP/Win XPE/WES7/Win7/WIN CE.Net/Linux(only supports 32-bit)
Power supply
Input Voltage
DC 12 ~ 30 V
Power consumption
36 W (4 GB DDR3, 2.5" HDD 500G, 4 x RS232 loop back, 3 x USB2.0, mouse ,Windows7 32 bit)
LCD Display
Display Type
15.6" TFT LCD (LED Backlight)
Max. Resolution
1366 x 768
Colors
16.7 M colors
Dot Size (mm)
0.252 x 0.252
Viewing Angle
85 (left), 85 (right), 80 (up), 80 (down)
Luminance
300
Brightness Control
Yes
Backlight Lifetime
50, 000 hrs
Touchscreen
Model
PPC-4150W-P4GAE
PPC-4150W-RAE
Touch Type
Projected capacitive multitouch 10 point
Resistive single touch
Light Transmission
88 % ± 2 %
80 % ± 5 %
Controller
USB interface
USB interface
Environment
Operating Temperature
0 ~ 50°C (32 ~ 122°F)
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock Operating
10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class B
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant
C ®
UL US
Date updated: 18-May-2015
All product specifications are subject to change without notice


Similar Part No. - PPC-FUSB-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-FUSB-A1E ADVANTECH-PPC-FUSB-A1E Datasheet
572Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Core i5/i3/Celeron Processor
PPC-FUSB-A1E ADVANTECH-PPC-FUSB-A1E Datasheet
518Kb / 2P
21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
More results

Similar Description - PPC-FUSB-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_15 Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3170-RE4AE ADVANTECH-PPC-3170-RE4AE Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3190-RE4AE ADVANTECH-PPC-3190-RE4AE Datasheet
463Kb / 2P
19" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-4151W-P5AE ADVANTECH-PPC-4151W-P5AE Datasheet
572Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Core i5/i3/Celeron Processor
PPC-4211W ADVANTECH-PPC-4211W_15 Datasheet
518Kb / 2P
21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
PPC-L158T-090-AXE ADVANTECH-PPC-L158T-090-AXE Datasheet
636Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151W ADVANTECH-PPC-3151W Datasheet
410Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
28-Jul-2022
PPC-3170 ADVANTECH-PPC-3170 Datasheet
381Kb / 2P
17 Fanless Panel PC with Intel Atom™ Quad-Core Processor
1-Aug-2022
PPC-3190 ADVANTECH-PPC-3190 Datasheet
393Kb / 2P
19 Fanless Panel PC with Intel® Atom™ Quad-Core Processor
28-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com