Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-FUSB-A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-FUSB-A1E
Description  15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-FUSB-A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-FUSB-A1E Datasheet HTML 1Page - Advantech Co., Ltd. PPC-FUSB-A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-4150W
413.00
59.00
41.70
7.30
411.36
419.70
CUT OUT
I/O Appearance
G
E
F
H
I
K
A
B
C
D
J
A. Mic-in
B. 4 x USB 2.0
C. VGA Port
D. 1 x RS232/422/485
E. Power Button
F. Ground Line
G. DC Inlet
H. 3 x RS232
I. DIO Port
J. 2 x 10/100/1000 Mbps Ethernet
K. Line Out
Ordering Information
Part NO
Description
PPC-4150W-P4GAE
15.6 Wide screen PPC with PCT Multi-touch, Intel
Atom D2550 1.86 GHz ,4G SO-DDR3-1600
PPC-4150W-RAE
15.6 Wide screen PPC with Resistive touch, Intel
Atom D2550 1.86 GHz
PPC-WLAN-A1E
Wi-Fi Module
PS-DC19-L157E
19V DC power Adapter Module
1700001524
POWER Cord 3P UL 10A 125V 180cm
170203183C
POWER Code 3P Europe (WS-010+083)183 cm
1700008921
POWER CORD 3P/3P POWER SUPPLY 1.8 M PSE
PPC-174T-WL-MTE
Wall mount kit A800B for PPC series
PPC-STAND-A1E
Stand for PPC series (Single-spindle)
PPC-174 Stand
Stand for PPC Series (Two-spindle)
PPC-ARM-A03
PPC ARM VESA Standard
2070012524
Image Win XPE 32-bit Multi PPC-4150W-P
2070012374
Image WES7P 32-bit Multi PPC-4150W-P
PPC-FUSB-A1E
Front USB Module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com