Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-174Stand Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-174Stand
Description  17" Panel PC with Intel짰 Core??i3 / i5 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174Stand Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-174Stand Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174Stand Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-8170
ƒ 17" TFT LED Panel,resolution up to 1280 x 1024
ƒ Built-in Intel® Core™ i3, i5 desktop processor (LGA) with Intel H61 chipset
ƒ Two 204 PIN DDR3 SO-DIMM,DDR3 1066/1333/1600MHz SDRAM,
up to 8 GB/4 GB per SO-DIMM
ƒ Support one expansion PCIe x 4 slot installed. (Replaceable with PCI riser
accessory
ƒ Supports 6 USB, 6 COMs, 1 x GPIO, 8 bits (Internal pin header)
ƒ Support 1 x 2.5" SATA bay
ƒ Support AC 100~240V input
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
NEW
Introduction
PPC-8170 is a Panel PC with an Intel Core i3/i5 desktop processor, and a 17" color TFT LCD panel. It features extremely high computing power and performance, excellent connectivity,
and good expansion ability. In addition, its rich variety of IO support makes it easy to operate for information applications, and provide a great solution for a wide-range of industrial
applications.
Specifications
Processor System
CPU
Core i3-3220
Core i5-3550S
Frequency
3.3GHz
3.7 GHz
L3 Cache
3 MB
6 MB
Chipset
H61
Memory
2 x 204 PIN DDR3 SO-DIMM,DDR3 1066/1333/1600MHz SDRAM, up to 8 GB/4 GB per SO-DIMM
Storage
1 x 2.5" SATA bay
Network (LAN)
2 x Gigabit Gigabit Ethernet connectors (RTL8111E)
I/O ports
ƒ 6 COMs, 1 x RS-232/422/485, 5 x RS-232
ƒ 6 x USB2.0
ƒ 1 x VGA, 1 x DVI
ƒ 1 x GPIO, 8 bits (Internal pin header)
ƒ 2 x Ethernet
ƒ 1 x Mic-in, 1 x Line-out
ƒ 1 x PS/2
ƒ 2 x 1.5W speaker
Expansion slot
ƒ One PCIe x 4 (pre-installed)
ƒ One PCI (in the accessory box)
Additional Expansion
1 x Mini PCIe
Fan
1 x 12V 80 x 80 x 15 mm
Physical Characteristics
Dimensions
442.0 x 362.0 x 113.5 (mm)
(17.4" x 14.25" x 4.47")
Weight
9.2 KG
Supported Operating Systems
OS's
Win XP Pro / Windows 7 32 & 64 bit
Power Supply
Output Rating
180 W
Input Voltage
100 - 240 VAC
Power consumption
With Core i3-3220 is 81W
With Core i5-3550s is 96W
(Burn-in test 7.0 in Windows 7 32-bit)
LCD Display
Display Type
17" TFT LED Panel
Max. Resolution
1280 x 1024
Colors
16.7 M
Dot Size (mm)
0.264 (H) x 0.264 (W)
Viewing Angle
80 (left), 80 (right), 60 (up), 80 (down)
Luminance
350
Contrast Ratio
800
Backlight Lifetime
50,000 hrs
C ®
UL US
17" Panel PC with Intel® Core™ i3 / i5
Processor
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PPC-174Stand

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
463Kb / 2P
19" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
572Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Core i5/i3/Celeron Processor
More results

Similar Description - PPC-174Stand

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-177T ADVANTECH-PPC-177T Datasheet
232Kb / 2P
17 Panel PC with Intel짰 Core??2 Duo Processor
logo
AAEON Technology
AEC-POS01 AAEON-AEC-POS01 Datasheet
175Kb / 2P
Intel짰 Core??i7/i5/i3 LGA 1155 Processor, Intel짰 Q77 Chipset
logo
Advantech Co., Ltd.
PPC-6150-Ri5AE ADVANTECH-PPC-6150-Ri5AE Datasheet
567Kb / 2P
15" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6170A-Ri5AE ADVANTECH-PPC-6170A-Ri5AE Datasheet
549Kb / 2P
17"/ 15" Panel PC with Intel짰 Core??i3 / i5 /Celeron짰 Processor and 4 additional GbE ports
PPC-8150-RI3AE ADVANTECH-PPC-8150-RI3AE Datasheet
541Kb / 2P
15" Panel PC with Intel짰 Core??i3 / i5 Processor
logo
GSR Technology Ltd
GSR-186 GSR-GSR-186 Datasheet
491Kb / 2P
18.5??Fanless Multi-touch Panel PC with Intel짰 Core??i5-4300U Processor
GSR-Z177 GSR-GSR-Z177 Datasheet
422Kb / 2P
17??Fanless Multi-touch IP66 Full Waterproof Panel PC with Intel짰 Core??i5/ Celeron짰 Processor
logo
Advantech Co., Ltd.
PPC-3151 ADVANTECH-PPC-3151 Datasheet
625Kb / 2P
15 Fanless Panel PC with Intel짰 Core??i5-6300U Processor
27-Jun-2018
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com