Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-174Stand Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-174Stand
Description  17" Panel PC with Intel짰 Core??i3 / i5 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174Stand Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-174Stand Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174Stand Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PPC-8170
I/O Placement
Ordering Information
Part No
Description
PPC-8170-RI3AE
17" SVGA Panel PC w/Intel Corei3-3220, 5-Wire Touch, 6
COM, 6 USB, 2 LAN, 1 x PCIe or 1 x PCI expansion
PPC-8170-RI5AE
17" SVGA Panel PC w/Intel Core i5-3550S, 5-Wire Touch,
6 COM, 6 USB, 2 LAN, 1 x PCIe or 1 x PCI expansion
PPC-WLAN-A2E
Wi-Fi Module with Antenna Cable 40cm for PPC
PPC-174T-WL-MTE
Wall mount kits for PPC series
PPC-ARM-A03
PPC ARM VESA stand
PPC-174 Stand
Stand kit for PPC-174
1702002605
Power cord 2P FRANCE 10A/16A 220V 1.83M 90D
1702002600
Power Cord 3P UL/CSA(USA) 125V 10A 1.83M 180D
A. AC Power Input
B.USB ports
C. COM Ports
D. VGA and DVI Ports
E. USB Ports
F. Audio Line-out/MIC
G. Riser Card Expansion
H. LAN Ports
I. COM Ports
J. Power Switch
J
A
B C
D
E
F
I
G
H
Touchscreen
Touch Type
Analog Resistive 5-wire
Resolution
2048 x 2048
Light Transmission
81% +/- 3%
Controller
USB Interface
Software Driver Support
Windows 7, XP
Durability (Touches)
36 Million
Environment
Operating Temperature
0 ~ 50°C ( 32 ~ 122°F)
Storage Temperature
- 20 ~ 60°C ( -4 ~ 140°F)
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follows IEC 60068-2-64
EMC
CE, FCC Class A, BSMI
Safety
CB, UL, CCC, BSMI
Front Panel Protection
IP65 Compliant
377.8
425.1
442.0
427.0
100
171.0
183.5
75.0
113.5
CUT Out
Dimensions
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com