Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3552 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 2 Page - International Rectifier

  IR3552 Datasheet HTML 1Page - International Rectifier IR3552 Datasheet HTML 2Page - International Rectifier IR3552 Datasheet HTML 3Page - International Rectifier IR3552 Datasheet HTML 4Page - International Rectifier IR3552 Datasheet HTML 5Page - International Rectifier IR3552 Datasheet HTML 6Page - International Rectifier IR3552 Datasheet HTML 7Page - International Rectifier IR3552 Datasheet HTML 8Page - International Rectifier IR3552 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
2
PINOUT DIAGRAM
Figure 1: IR3552 Top View
FUNCTIONAL BLOCK DIAGRAM
Figure 2: Block Diagram
PGND
GATEL
VDRV
PGND
VCC
PGND
VIN
VIN
BOOST
VIN
1
2
5
3
4
6
16
15
12
13
14
7
11
9
8
10
22
18
20
21
17
19
23
PIN25
GATEL
SW
PIN 24
PGND
TFAULT
VIN_DIV
PWM
6
7
8
9
10
11
14
15
16
VIN
VIN
VIN
SW
SW
SW
SW
SW
SW
24
12
13
PGND
PGND
PGND
3
BOOST
Power-on
Reset (POR),
3.3V
Reference,
Fault
Detection
and
Shoot
Through
Control
22
MODE
23
VCC
1
EN
20
5
25
GATEL
GATEL
Driver
Driver
18
2
21
LGND
22
3.3V
4
PGND
18k
Ω
IR3552
VDRV
VDRV
VIN /14
VIN
LGND
LGND
VCC & VDRV
UVLO,
Temperature
sensing
LGND
500k
Ω
25k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com