Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3552 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3552 Datasheet HTML 9Page - International Rectifier IR3552 Datasheet HTML 10Page - International Rectifier IR3552 Datasheet HTML 11Page - International Rectifier IR3552 Datasheet HTML 12Page - International Rectifier IR3552 Datasheet HTML 13Page - International Rectifier IR3552 Datasheet HTML 14Page - International Rectifier IR3552 Datasheet HTML 15Page - International Rectifier IR3552 Datasheet HTML 16Page - International Rectifier IR3552 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
13
GENERAL DESCRIPTION
The IR3552 contains a high-efficiency and high
speed MOSFET driver optimized to drive a pair of
integrated
control
and
synchronous
N-channel
MOSFETs up to 1.5MHz. The patented IR Active Tri-
Level (ATL) feature allows complete enable and
disable control of both MOSFET pairs through the
PWM input signal from the controller. The timing and
voltage levels of ATL are shown in Figure 6.
During
normal
operation
the
PWM
transitions
between low and high voltage levels to drive the
synchronous and control MOSFETs. The PWM
signal falling edge transition to a low voltage
threshold initiates the high-side driver turn off after a
short propagation delay. The dead time control
circuit monitors the internal high gate signals and
respective SW voltages to ensure the control
MOSFET is turned off before turning on the
synchronous MOSFET.
The PWM rising edge transition through the high-
side turn on threshold initiates the turn off of the
synchronour MOSFET after a small propagation
delay. The adaptive dead time circuit provides the
appropriate
dead
time
by
determining
if
the
synchronous MOSFET gate voltage has crossed the
lower threshold before allowing the High Gate
voltage to rise and turn on the control MOSFET.
THEORY OF OPERATION
POWER-ON RESET (POR)
The
IR3552
incorporates
a
power-on
reset
protection. This ensures that both the high- and low-
side output drivers are active only after the device
supply voltage VCC and VDRV both have exceeded
a certain minimum operating threshold. The VCC
and VDRV supplies are monitored and both the
drivers are set to the low state, holding both external
MOSFETs off. Once both VCC and VDRV cross the
rising POR threshold and if the IR3552 is in IR ATL
mode, the outputs are held in the low state until a
transition
from
tri-state
to
active
operation
is
detected at the PWM input. For standar Tri-state
PWM mode, the POR operation is the same except
the driver does not look for an input tri-state before
functioning. During normal operation the drivers
continue to remain active until VCC or VDRV fall
below their respective falling POR thresholds.
INTEGRATED BOOTSTRAP PFET
The IR3552 features an integrated bootstrap PFET
to reduce external component count. This enables
the IR3552 to be used effectively in cost and space
sensitive designs.
The bootstrap circuit is used to establish the high
side MOSFET gate driver bias voltage and consists
of a PFET (which includes a body diode in parallel)
and an external capacitor connected between the
SW and BOOST pins. The external bootstrap
capacitor is charged through the PFET when the SW
node is low.
STANDARD PWM TRISTATE MODE
If the MODE pin is grounded, the IR3552 accepts
regular three-level 3.3V PWM input signals. As
shown in Figure 5, when PWM input is above
VPWM_HIGH, the synchronous MOSFET is turned off
and the control MOSFET is turned on. When PWM
input is below VPWM_LOW, the control MOSFET is
turned off and synchronous MOSFET is turned on. If
PWM pin is floated, the built-in resistors pull the
PWM pin into a tri-state region centered around
1.6V.
IR ACTIVE TRI-LEVEL (ATL) PWM INPUT
SIGNAL
When the MODE pin is tied to VCC, the IR3552 gate
drivers are driven by a patented tri-level PWM
control signal provided by the IR digital PWM
controllers, as shown in Figure 4. During normal
operation, the rising and falling edges of the PWM
signal transition between 0V and 1.8V to control
pulse width modulation of the integrated MOSFETs.
To force both MOSFETs off simultaneously, the
PWM signal crosses a tri-state voltage level higher
than the tri-state high threshold. This threshold
based tri-state results in a very fast disable for both
the MOSFET pairs with only a small tri-state
propagation delay. MOSFET switching resumes
when the PWM signal falls below the tri-state
threshold into the normal operating voltage range.
This fast tri-state operation eliminates the need for
any tri-state hold-off time of the PWM signal to dwell
in the shutdown window. Dedicated disable or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com