Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3553 Datasheet(PDF) 20 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR3553_15 Datasheet HTML 14Page - International Rectifier IR3553_15 Datasheet HTML 15Page - International Rectifier IR3553_15 Datasheet HTML 16Page - International Rectifier IR3553_15 Datasheet HTML 17Page - International Rectifier IR3553_15 Datasheet HTML 18Page - International Rectifier IR3553_15 Datasheet HTML 19Page - International Rectifier IR3553_15 Datasheet HTML 20Page - International Rectifier IR3553_15 Datasheet HTML 21Page - International Rectifier IR3553_15 Datasheet HTML 22Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
July 16, 2014 | DATASHEET V3.3
20
IR3553
40A Integrated PowIRstage®
STENCIL DESIGN
 The stencil apertures for the lead lands should be
approximately 65% to 75% of the area of the lead
lands depending on stencil thickness. Reducing
the amount of solder deposited will minimize the
occurrence of lead shorts. Since for 0.5mm pitch
devices the leads are only 0.25mm wide, the
stencil apertures should not be made narrower;
openings in stencils < 0.25mm wide are difficult
to maintain repeatable solder release.
 The low power signal stencil lead land apertures
should therefore be shortened in length to keep
area ratio of 65% to 75% while centered on lead
land.
 The power pads VIN, PGND, TGND and SW, land
pad apertures should be approximately 65% to
75% area of solder on the center pad. If too much
solder is deposited on the center pad the part will
float and the lead lands will be open. Solder
paste on large pads is broken down into small
sections with a minimum gap of 0.2mm between
allowing for out-gassing during solder reflow.
 The maximum length and width of the land pad
stencil aperture should be equal to the solder
resist opening minus an annular 0.2mm pull back
to decrease the incidence of shorting the center
land to the lead lands when the part is pushed
into the solder paste.
Figure 35: Stencil design
* Contact International Rectifier to receive an electronic PCB Library file in Cadence Allegro or CAD DXF/DWG format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com