Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2192AM Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2192AM
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192AM Datasheet(HTML) 3 Page - New Japan Radio

  NJM2192AM Datasheet HTML 1Page - New Japan Radio NJM2192AM Datasheet HTML 2Page - New Japan Radio NJM2192AM Datasheet HTML 3Page - New Japan Radio NJM2192AM Datasheet HTML 4Page - New Japan Radio NJM2192AM Datasheet HTML 5Page - New Japan Radio NJM2192AM Datasheet HTML 6Page - New Japan Radio NJM2192AM Datasheet HTML 7Page - New Japan Radio NJM2192AM Datasheet HTML 8Page - New Japan Radio NJM2192AM Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NJM2192A
- 3 -
s
s
s
sABSOLUTE MAXIMUM RATINGS (Ta=25
°°°°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
15
V
Power Dissipation
PD
700
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
sELECTRICAL CHARACTERISTICS (V
+=12V,Ta=25
°C,V
IN=-20dBV(100mVrms), Speaker Size : Medium)
TEST CONDITION
IN
PARAMETER
SYMBOL
L
R
OUT
MODE
PUNCH
VR
MIN.
TYP.
MAX.
UNIT
Operating
Voltage
V
+
-
-
-
-
-
4.7
12.0
13.0
V
0
0
-
BYPASS
-
6.6
11.6
16.6
0
0
-
BASS1
MAX
6.6
11.6
16.6
Supply
Current
ICC
No Signal
0
0
-
BASS2
MAX
6.6
11.6
16.6
mA
Reference
Voltage
VREF
V
+/2
0
0
-
-
-
5.8
6.0
6.2
V
VIN
-
L
f=1kHz
THD=3%
-
VIN
R
BYPASS
-
10.7
(3.1)
11.7
(3.8)
-
VIN
VIN
L
f=100Hz
THD=3%
Gain “L”
VIN
VIN
R
BASS1
MAX
-6.3
(0.5)
-4.3
(0.6)
-
VIN
VIN
L
Maximum
Input Voltage
VIM
f=100Hz
THD=3%
Gain “L”
VIN
VIN
R
BASS2
MAX
-4.7
(0.6)
-2.7
(0.7)
-
dBV
(Vrms)
L
Rg=0
Ω
A-Weighted
0
0
R
BYPASS
-
-
-105
(5.6)
-98
(12.6)
L
Output Noise
VNO
Rg=0
Ω
A-Weighted
Gain ”L”
0
0
R
BASS2
MAX
-
-94
(20.0)
-88
(40.0)
dBV
(uVrms)
VIN
-
L
f=1kHz
VIN =-10dBV
-
VIN
R
BYPASS
-
-
0.005
0.01
VIN
VIN
L
f=100Hz
Gain “L”
VIN
VIN
R
BASS1
MAX
-
0.1
1.0
VIN
VIN
L
Total
Harmonic
Distortion
THD
f=100Hz
Gain “L”
VIN
VIN
R
BASS2
MAX
-
0.1
1.0
%
VIN
-
L
BYPASS
Gain
GVBYP
f=1kHz
-
VIN
R
BYPASS
-
-1.0
0.0
1.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com