Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2192AM Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2192AM
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192AM Datasheet(HTML) 1 Page - New Japan Radio

  NJM2192AM Datasheet HTML 1Page - New Japan Radio NJM2192AM Datasheet HTML 2Page - New Japan Radio NJM2192AM Datasheet HTML 3Page - New Japan Radio NJM2192AM Datasheet HTML 4Page - New Japan Radio NJM2192AM Datasheet HTML 5Page - New Japan Radio NJM2192AM Datasheet HTML 6Page - New Japan Radio NJM2192AM Datasheet HTML 7Page - New Japan Radio NJM2192AM Datasheet HTML 8Page - New Japan Radio NJM2192AM Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRELI M I N A R Y
NJM2192A
- 1 –A
SRS TruBass Bass Enhancement Processor
s
s
s
sPACKAGE OUTLINE
NJM2192AL
NJM2192AM
s
s
s
sGENERAL DESCRIPTION
The NJM2192A is a Bass Enhancement Processor,
based on SRS TruBass technology.
The NJM2192A eliminates the need for large
speakers to create low frequency fundamental tones,
and it enhances and complements subwoofer
performance.
The NJM2192A is suitable for audio applications
which are speaker system for mini components, CD
radio cassette, multimedia speaker systems, TV and
others.
s
s
s
sFEATURES
qOperating Voltage
4.7 to 13V
qPunch Control
qInternal Bass Gain Control Switch
qBypass Function (Through)
qInternal Mode Switch
qExternal Adjustment for Speaker Size (Small, Medium, Large)
qBipolar Technology
qPackage Outline
SDIP30, SDMP30
The TruBass technology right incorporated in the NJM2192A are owned by SRS Labs, a U.S. Corporation and licensed to
New Japan Radio Co., Ltd. TruBass is protected under U.S. and foreign patents issued and/or pending. TruBass and the
, are trademarks of SRS Labs, Inc. in the United States and selected foreign countries. Neither the purchase of the
NJM2192A, nor the corresponding sale of audio enhancement equipment conveys the right to sell commercialized
recordings made with any SRS technology.
SRS Labs requires that all users of the NJM2192A must enter into a license agreement directly with SRS Labs if the
royalty is not included in the purchase price. SRS Labs also requires any users to comply with all rules and regulations as
outlined in the SRS Trademark Usage Manual.
For further information, please contact:
SRS Labs, Inc.
2909 Daimler Street. Santa Ana, CA 92705 USA
Tel:949-442-1070
Fax:949-852-1099
http://www.srslabs.com


Similar Part No. - NJM2192AM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
SRS Headphone 3D SURROUND PROCESSOR
logo
Nisshinbo Micro Devices...
NJM2190 NISSHINBO-NJM2190 Datasheet
474Kb / 12P
SRS HEADPHONE 3D SURROUND PROCESSOR
logo
New Japan Radio
NJM2190D NJRC-NJM2190D Datasheet
327Kb / 13P
SRS Headphone 3D SURROUND PROCESSOR
logo
Nisshinbo Micro Devices...
NJM2190D NISSHINBO-NJM2190D Datasheet
474Kb / 12P
SRS HEADPHONE 3D SURROUND PROCESSOR
logo
New Japan Radio
NJM2190M NJRC-NJM2190M Datasheet
327Kb / 13P
SRS Headphone 3D SURROUND PROCESSOR
More results

Similar Description - NJM2192AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
SRS 3D SOUND PROCESSOR
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
SRS 3D SOUND PROCESSOR
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
FOCUS & SRS AUDIO PROCESSOR
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
SRS WOW AUDIO PROCESSOR
logo
List of Unclassifed Man...
AP8111 ETC-AP8111 Datasheet
457Kb / 6P
TruBass Audio Enhancement Processor
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
AUDIO PROCESSOR with SRS
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com