Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3218C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3218C/D
Description  1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3218C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3218C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Keep communications cables short to minimize capaci-
tive loading. Lowering the capacitive loading on the
transmitter outputs reduces the MAX3218’s power con-
sumption. Using short, low-capacitance cable also
helps transmission at the highest data rates.
EIA/TIA-232E and
_____________EIA/TIA-562 Standards
RS-232 circuits consume much of their power because
the EIA/TIA-232E standard demands that the transmit-
ters deliver at least 5V to receivers with impedances
that can be as low as 3k
Ω. For applications where
power consumption is critical, the EIA/TIA-562 standard
provides an alternative.
EIA/TIA-562 transmitter output voltage levels need only
reach ±3.7V, and because they have to drive the same
3k
Ω receiver loads, the total power consumption is con-
siderably reduced. Since the EIA/TIA-232E and
EIA/TIA-562 receiver input voltage thresholds are the
same, interoperability between EIA/TIA-232E and
EIA/TIA-562 devices is guaranteed. Maxim’s MAX560
and MAX561 are EIA/TIA-562 transceivers that operate
on a single supply from 3.0V to 3.6V, and the MAX562
transceiver operates from 2.7V to 5.25V while produc-
ing EIA/TIA-562 levels.
1µA Supply Current, 1.8V to 4.25V-Powered
RS-232 Transceiver with AutoShutdown™
_______________________________________________________________________________________
9
TRANSMITTERS ENABLED, INVALID HIGH
AUTOSHUTDOWN, TRANSMITTERS DISABLED,
1
µA SUPPLY CURRENT, INVALID LOW
TRANSMITTERS ENABLED, INVALID HIGH
-2.8V
-0.3V
+2.8V
+0.3V
(a)
(b)
0V
INDETERMINATE
INDETERMINATE
V-
VCC
0V
V+
0
VCC
tINVL
tWU
INVALID
REGION
RECEIVER
INPUT
VOLTAGE
(V)
INVALID
OUTPUT
(V)
tINVH
Figure 4. AutoShutdown Trip Levels
Figure 5. AutoShutdown with Initial Turn-On to Wake Up a
System
FORCEON
MASTER SHDN LINE
0.1µF
1M
FORCEOFF
MAX3218
POWER
MANAGEMENT
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com