Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3218C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3218C/D
Description  1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3218C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3218C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3218C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1µA Supply Current, 1.8V to 4.25V-Powered
RS-232 Transceiver with AutoShutdown™
10
______________________________________________________________________________________
Figure 6. Operating from Unregulated and Regulated Supplies
VCC
LX
6
1
V+
19
C4
0.1
µF
C5
1
µF
1
µF
C2
15
µH
1N6050
3V
DC-DC
CONVERTER
MAX878
OR
MAX756
OR
MAX856
GND
T2
T1
T2OUT
R1IN
R2IN
T1OUT
C1-
C1+
V-
T2IN
R1OUT
R2OUT
T1IN
14
18
C1
0.47
µF
C3
1
µF
16
15
13
12
11
5, 17, 20
3
4
2
7
8
9
10
FORCEON
INVALID
FORCEOFF
5k
5k
R1
R2
MAX3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com