Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3267C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3267C/D
Description  1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3267C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3267C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise
Transimpedance Preamplifiers for LANs
_______________________________________________________________________________________
3
170
180
190
200
210
220
230
240
250
0
255075
100
MAX3266
INPUT-REFERRED NOISE vs. TEMPERATURE
JUNCTION TEMPERATURE (°C)
CIN = 1.5pF
CIN = 1.0pF
CIN = 0.5pF
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE, INCLUDES
PACKAGE PARASITIC, PIN DIODE,
AND PARASITIC INTERCONNECT
CAPACITANCE
420
440
460
480
500
520
540
560
580
600
620
640
0
255075
100
MAX3267
INPUT-REFERRED NOISE vs. TEMPERATURE
JUNCTION TEMPERATURE (°C)
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE, INCLUDES
PACKAGE PARASITIC, PIN DIODE,
AND PARASITIC INTERCONNECT
CAPACITANCE
CIN 1.5pF CIN 1.0pF CIN 0.5pF
50
60
55
70
65
75
1M
10M
100M
1G
10G
FREQUENCY RESPONSE
FREQUENCY (Hz)
MAX3267
MAX3266
100
0
10
100
1000
DETERMINISTIC JITTER
vs. INPUT AMPLITUDE
20
10
PEAK-TO-PEAK AMPLITUDE (
µA)
40
30
60
70
50
80
90
K28.5 DATA STREAM
EXTINCTION RATIO > 8
MAX3267
MAX3266
740
890
840
790
940
990
1040
1090
0
25
50
75
100
MAX3266
BANDWIDTH vs. TEMPERATURE
JUNCTION TEMPERATURE (°C)
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE, INCLUDES
PACKAGE PARASITIC, PIN DIODE,
AND PARASITIC INTERCONNECT
CAPACITANCE
CIN = 1.5pF
CIN = 1.0pF
CIN = 0.5pF
0
300
200
100
400
500
600
700
800
900
1000
1
10
100
1000
INPUT-REFERRED RMS NOISE CURRENT
vs. DC INPUT CURRENT
DIFFERENTIAL DC INPUT CURRENT (
µA)
MAX3267
MAX3266
60
63
62
61
64
65
66
67
68
69
70
0
10
203040
5060
70
80
SMALL-SIGNAL TRANSIMPEDANCE
vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
MAX3267
MAX3266
200
260
240
220
280
300
320
340
360
380
400
020
40
60
80
MAX3266/MAX3267
OUTPUT AMPLITUDE vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
INPUT = 1mAp-p
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, MAX3266/MAX3267 EV kit, source capacitance = 0.85pF, unless otherwise noted.)
1500
1700
1800
1900
2000
2100
2200
2300
2400
0
25
50
75
100
MAX3267
BANDWIDTH vs. TEMPERATURE
JUNCTION TEMPERATURE (
°C)
1600
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE, INCLUDES
PACKAGE PARASITIC, PIN DIODE,
AND PARASITIC INTERCONNECT
CAPACITANCE
CIN = 1.5pF
CIN = 0.5pF
CIN = 1.0pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com