Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTNLSC32F Datasheet(PDF) 1 Page - Central Technologies

Part # CTNLSC32F
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTNLSC32F Datasheet(HTML) 1 Page - Central Technologies

  CTNLSC32F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.29.12
Wire-wound Chip Inductors - Open
www.ctparts.com
CTNLSC32F
Series
From 1.0 µH to 100 µH
SPECIFICATIONS
L Test
SRF
DCR
Isat
Part
Inductance
Freq.
(MHz)
(Ω)
(A)
Q.
Number
(µH)
(MHz)
Min.
Max.
Min.
Min.
CTNLSC32F-1R0_
1.0
7.96
120
0.70
0.40
30
CTNLSC32F-1R2_
1.2
7.96
100
0.75
0.39
30
CTNLSC32F-1R5_
1.5
7.96
85
0.85
0.37
30
CTNLSC32F-1R8_
1.8
7.96
80
0.90
0.35
30
CTNLSC32F-2R2_
2.2
7.96
75
1.00
0.32
30
CTNLSC32F-2R7_
2.7
7.96
70
1.10
0.29
30
CTNLSC32F-3R3_
3.3
7.96
60
1.20
0.26
30
CTNLSC32F-3R9_
3.9
7.96
55
1.30
0.25
30
CTNLSC32F-4R7_
4.7
7.96
50
1.50
0.224
30
CTNLSC32F-5R6_
5.6
7.96
45
1.60
0.217
30
CTNLSC32F-6R8_
6.8
7.96
40
1.80
0.204
30
CTNLSC32F-8R2_
8.2
7.96
38
2.00
0.194
30
CTNLSC32F-100_
10
2.52
30
2.10
0.189
30
CTNLSC32F-120_
12
2.52
25
2.50
0.173
30
CTNLSC32F-150_
15
2.52
21
2.80
0.164
30
CTNLSC32F-180_
18
2.52
20
3.30
0.151
30
CTNLSC32F-270_
27
2.52
18
5.00
0.122
30
CTNLSC32F-101_
100
0.796
9
14.0
0.073
20
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Wire-wound Chip Inductor
Applications: TVs, HDD’s, digital cameras, computer
peripherals, telecomunication devices and electronic control
boards for automobiles.
Operating Temperature: -55°C to +125°C
Inductance Drop: 10% Typ. at Isat
Irms: Based on temp. rise (DT: 40°C Typ.)
Inductance Tolerance: ±5%, ±10%, ±20%
Testing: Inductance is tested on an HP4284A at the specified
frequency, 0.5V.
Packaging: Tape & Reel.
Marking: Parts are marked inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
XXX
Marking: Inductance Code
1.8
3.0
1.0
A
B
C
D
E
F
Ref.
Ref.
Ref.
3.3±0.3
2.5±0.3
2.2±0.3
2.4
1.8
0.6
0.13±0.012
0.10±0.012
0.087±0.012
0.09
0.07
0.02
Size
mm
inches
Unit: mm
Please specify tolerance code when ordering.
CTNLSC32F-1R0_
J = ±5% K = ±10%, M = ±20%


Similar Part No. - CTNLSC32F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F-100J CT-CTNLV32F-100J Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F-100K CT-CTNLV32F-100K Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F-100M CT-CTNLV32F-100M Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F-101J CT-CTNLV32F-101J Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
More results

Similar Description - CTNLSC32F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com