Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABLSG Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABLSG
Description  LOW PROFILE CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLSG Datasheet(HTML) 1 Page - Abracon Corporation

  ABLSG Datasheet HTML 1Page - Abracon Corporation ABLSG Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
||||||||||| | | | |
ABLSG
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
STANDARD SPECIFICATIONS:
• 3rd Lead is Grounded, Ideal for
EMI Sensitive Applications
• Low height reduced to 4.2mm
• Tight stability & extended temperature available
• EMI sensitive applications
• Computers, Modems, Microprocessors
• Medical Electronics
• Wireless Applications
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
HC/49US (AT49) 3RD LEAD CASE-GROUNDED SMD
PARAMETERS
3.579545 MHz to 75 MHz
Frequency
ABRACON P/N
ABLSG Series
Operation Mode
Drive level dependency (DLD)
From 1µW to 500µW(minimum 7 points tested)
Frequency Tolerance
Frequency Stability over the
Operating Temp. (Ref to +25°C)
± 50 ppm max. (see options)
Operating Temperature
Storage Temperature
- 55°C to + 125°C
0°C to + 70°C (see options)
± 50 ppm max. (see options)
Equivalent Series Resistance
0
Load Capacitance CL
Drive Level
Aging at 25°C Per Year
Insulation Resistance
See Table 1
18pF (see options)
1 mW max., 100µW typical
500 M min at 100Vdc ± 15V
7pF max.
± 5ppm max.
Ω
TABLE 1: ESR
ESR ( )
3.579 - 4.999 (Fund.)
180
5.000 - 5.999 (Fund.)
120
6.000 - 7.999 (Fund.)
100
8.000 - 8.999 (Fund.)
80
9.000 - 9.999 (Fund.)
60
10.000 - 15.999 (Fund.)
50
16.000 - 50.000 (Fund.)
40
24.01 - 31.999 (3rd O/T)
100
32.000 - 70.00 (3rd O/T)
80
FREQUENCY (MHz)
Ω
Spurious Responses:
-3dB max.
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.20.10
Visit www.abracon.com for Terms & Conditions of Sale
*
to +60Conly.
** OptionA,E,B,and 0 to +70C only.
*** Frequency stability±50ppm,±100ppm,
or
±150ppm only.
Contact ABRACON for tighter
stability requirement.
**** For Fundamental BT,frequency stability
±100ppm max. at 10°C to +60°C only.
ABLSG -
MHz - - R
- - - - -
Packaging
Blank: Bulk
T: Tape & Reel
Frequency in MHz
e.g. 3.579545MHz
14.31818MHz
26.000MHz
Mode
F: Fund.AT for >24MHz
FB: Fund.BT for >24MHz
ESR
Specify a value in Ω
Load Capacitance
Please specify CL in pF or
S for Series (8 to 33pF)
Please contact ABRACON for other
values
Operating Temp.
A: -10°C ~ +60°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J(***): -40°C to +105°C
K(***): -40°C to +125°C
L(***): -55°C to +125°C
Freq. Tolerance
H5: ± 5 ppm
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Freq. Stability
U: ± 10 ppm (*)
G: ± 15 ppm (**)
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Q: ± 100 ppm (****)
R: ± 150 ppm
10
11.4 x 4.7 x 4.2mm
LOW PROFILE CRYSTAL
AT cut (Fundamental or 3rd OT) or BT cut
3.579545MHz - 24.0MHz (Fundamental: Standard)
24.01 - 75.00MHz (3rd- Overtone: Standard)
24.01MHz - 50.00MHz
(Fund. AT or BT: Please specify. See options)
Shunt Capacitance C
frequency
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and
not Moisture Sensitive - MSL = N/A: Not Applicable


Similar Part No. - ABLSG

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS ABRACON-ABLS Datasheet
234Kb / 3P
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
07.26.07
ABLS ABRACON-ABLS Datasheet
228Kb / 2P
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
04.15.08
ABLS ABRACON-ABLS Datasheet
544Kb / 1P
LOW PROFILE SURFACE MOUNT
logo
List of Unclassifed Man...
ABLS-10.000MHZ-B2-T ETC1-ABLS-10.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABLS-11.0592MHZ-B2-T ETC1-ABLS-11.0592MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
More results

Similar Description - ABLSG

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HC494H GOLLEDGE-HC494H Datasheet
59Kb / 1P
Low Profile Crystal
logo
ECM Electronics Limited...
HC49-4 ECM-HC49-4 Datasheet
79Kb / 1P
Standard Low Profile Crystal
logo
AEL Crystals Ltd
HC-49S AEL-HC-49S Datasheet
132Kb / 1P
Low Profile Crystal
logo
Pletronics, Inc.
LP21 PLETRONICS-LP21 Datasheet
91Kb / 6P
Low Profile Crystal
logo
ECS, Inc.
HC-49USSX ECS-HC-49USSX Datasheet
155Kb / 2P
Low Profile Crystal
logo
Golledge Electronics Lt...
HC49-4H GOLLEDGE-HC49-4H_16 Datasheet
113Kb / 1P
Low Profile Crystal
logo
Raltron Electronics Cor...
AS-12.000-20 RALTRON-AS-12.000-20 Datasheet
96Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.288-20 RALTRON-AS-12.288-20 Datasheet
96Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.288-20-SMD RALTRON-AS-12.288-20-SMD Datasheet
123Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABS07-166-32.768KHZ-T ABRACON-ABS07-166-32.768KHZ-T Datasheet
691Kb / 3P
SMD LOW PROFILE CRYSTAL
03.19.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com