Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABLSG Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABLSG
Description  LOW PROFILE CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLSG Datasheet(HTML) 2 Page - Abracon Corporation

  ABLSG Datasheet HTML 1Page - Abracon Corporation ABLSG Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
||||||||||||| | |
ABLSG
11.4 x 4.7 x 4.2mm
Pb RoHS
Compliant
OUTLINE DRAWING:
Dimensions: mm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.20.10
Visit www.abracon.com for Terms & Conditions of Sale
Dimensions: Inches (mm)
TAPE & REEL:
REFLOW PROFILE:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products;suitable for Commercial,Industrial and,where designated,Automo-
tive Applications. Abracon’s products are not specifically designed for Military,Aviation,Aerospace,Life-dependant Medical applications or any application requir-
ing high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
HC/49US (AT49) 3RD LEAD CASE-GROUNDED SMD
LOW PROFILE CRYSTAL
GND
Input/
Output
Input/
Output
Pin Configuration



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com