Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACT
Description  TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACT Datasheet(HTML) 1 Page - Abracon Corporation

  ACT_15 Datasheet HTML 1Page - Abracon Corporation ACT_15 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||| | | |
ACT Series
20.4 x 12.9 x 5.3mm
Pb
TTL OUTPUT FULL SIZE DIP 5.0V
CRYSTAL CLOCK OSCILLATOR
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
• Hermetically sealed metal package
• TTL output
• Case ground for EMI protection
• Tri-state Enable/Disable options
• Provide clock signals for microprocessors and digital circuits
• TTL output for low EMI applications
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 09.23.13
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
* Overall frequency stability includes initial tolerance and temperature stability.
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
.
0
6
1
4
.
0
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Operating Temperature
-10
+60
°C
See options
C
°
5
2
1
+
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability*
-100
+100
ppm
See options
c
d
V
5
.
5
0
.
5
5
.
4
)
d
d
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
Input Current
0.4MHz ~ 24.9MHz
20
mA
25.0MHz ~ 99.9MHz
0
4
100.0MHz ~ 160.0MHz
0
8
Symmetry (@ 1.4Vdc)
40
60
%
See options
Rise and Fall
Time (Tr/Tf)
0.4MHz ~ 24.9MHz
10
ns
25.0MHz ~ 99.9MHz
5
100.0MHz ~ 160.0MHz
4
Output Load
10
TTL
Output Voltage
VOH
2.4
Vdc
VOL
0.4
Vdc
Tri-state Function
"1" (VIH≥2.2Vdc) or Open: Oscillation
"0" (VIL<0.8Vdc) : Hi Z
Output Disable/Enable time
100
ns
For option “A” only
Start-up Time
10
ms
RoHS/RoHS II Compliant.
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable


Similar Part No. - ACT_15

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF155/155.0F11 ACT-ACTF155/155.0F11 Datasheet
141Kb / 4P
Designed for use in pager applications
SEPT 04
ACTF155/155.0F11 ACT-ACTF155/155.0F11 Datasheet
211Kb / 4P
SAW filters
March 2010
More results

Similar Description - ACT_15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOL1 ABRACON-ACOL1 Datasheet
418Kb / 1P
2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOS ABRACON-ACOS Datasheet
509Kb / 1P
5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
logo
Fox Electronics
F1100E FOX-F1100E Datasheet
87Kb / 1P
5.0V TTL CLOCK OSCILLATOR
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
Connor-Winfield Corpora...
HC61R8R CONNOR-WINFIELD-HC61R8R Datasheet
204Kb / 2P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
S13R8 CONNOR-WINFIELD-S13R8 Datasheet
133Kb / 1P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
logo
Abracon Corporation
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
AHT ABRACON-AHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com