Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-14MHZ-R-S Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACT-14MHZ-R-S
Description  TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACT-14MHZ-R-S Datasheet(HTML) 2 Page - Abracon Corporation

  ACT-14MHZ-R-S Datasheet HTML 1Page - Abracon Corporation ACT-14MHZ-R-S Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||| | | |
ACT Series
20.4 x 12.9 x 5.3mm
Pb
TTL OUTPUT FULL SIZE DIP 5.0V
CRYSTAL CLOCK OSCILLATOR
OPTIONS & PART IDENTIFICATION: (Left blank if standard)
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 09.23.13
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
RoHS/RoHS II Compliant.
ACT-
MHz- - - - - -
Frequency in MHz
e.g. 24.576MHz
14.31818MHz
26.000MHz
Packaging
Blank: Tube
TY: Tray
Operating Temp.
I: 0°C ~ +50°C
E: -20°C ~ +70°C
F: -30°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
Freq. Stability
Y5*: ± 15 ppm
J*: ± 20 ppm
R**: ± 25 ppm
K: ± 30 ppm
H: ± 35 ppm
C: ± 50 ppm
Pin form
G: Gull Wing
G3: Gull Wing
GHT: Gull Wing Reflow
Q45: 0.45” (11.43)
Q40: 0.40” (10.16)
Q35: 0.35” (8.89)
Q30: 0.30” (7.62)
Q25: 0.25” (6.35)
Q20: 0.20” (5.08)
Q15: 0.15” (3.81)
Q10: 0.10” (2.54)
Symmetry
S: 45/55%@1.4Vdc
For F<70MHz only
Tri-state
A: Tri-state on pin 1
Note:
*: Temp option I, E, -10 ~ +60°C only
**: Temp option I, E,F,N, -10 ~ +60°C only
OUTLINE DIMENSIONS:
Dimensions: inches (mm)
Pin
Function
1
Tri-State/NC
7
Case GND
8
Output
14
Vdd
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
Packaging: 25pcs /tube



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com