Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-14MHZ-R-S Datasheet (PDF) - Abracon Corporation

ACT-14MHZ-R-S Datasheet PDF - Abracon Corporation
Part # ACT-14MHZ-R-S
Download  ACT-14MHZ-R-S Download
File Size   806.61 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR

ACT-14MHZ-R-S Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT-14MHZ-R-S Datasheet PDF - Abracon Corporation

Part # ACT-14MHZ-R-S
Download  ACT-14MHZ-R-S Click to download

File Size   806.61 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR

ACT-14MHZ-R-S Datasheet (HTML) - Abracon Corporation




Similar Part No. - ACT-14MHZ-R-S

ManufacturerPart #DatasheetDescription
logo
Magnelab.
ACT-0024-100 MAGNELAB-ACT-0024-100 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-100-1A MAGNELAB-ACT-0024-100-1A Datasheet
214Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-100/1A, 1 Amp Output
ACT-0024-200 MAGNELAB-ACT-0024-200 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-300 MAGNELAB-ACT-0024-300 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0036-200 MAGNELAB-ACT-0036-200 Datasheet
216Kb / 1P
Split-Core AC Current Output Transformer ACT-0036-XXX, 5 Amp Output
More results


Similar Description - ACT-14MHZ-R-S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOL1 ABRACON-ACOL1 Datasheet
418Kb / 1P
2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOS ABRACON-ACOS Datasheet
509Kb / 1P
5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
logo
Fox Electronics
F1100E FOX-F1100E Datasheet
87Kb / 1P
5.0V TTL CLOCK OSCILLATOR
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
Connor-Winfield Corpora...
HC61R8R CONNOR-WINFIELD-HC61R8R Datasheet
204Kb / 2P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
S13R8 CONNOR-WINFIELD-S13R8 Datasheet
133Kb / 1P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
logo
Abracon Corporation
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
AHT ABRACON-AHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com