Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3480BCPI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3480BCPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480BCPI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3480BCPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 9Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 10Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 11Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 12Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 13Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 14Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 15Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
______________________________________________________________________________________
13
__________Applications Information
The MAX3480A/MAX3480B are designed for bidirection-
al data communications on multipoint bus-transmission
lines. Figure 9 shows a typical network application cir-
cuit. To minimize reflections, terminate the line at both
ends with its characteristic impedance, and keep stub
lengths off the main line as short as possible. The slew-
rate-limited MAX3480B is more tolerant of imperfect ter-
mination and stubs off the main line.
The MAX3480A/MAX3480B are specified and charac-
terized using the resistor values shown in Table 1 of
Figure 2. Altering the recommended values can
degrade performance.
The DI and DE inputs are the cathodes of LEDs whose
anodes are connected to VCC. These points are best
driven by a 3.3V CMOS-logic gate with a series resis-
tor to limit the current. The resistor values shown in
Table 1 are recommended when the 74HC240 gate or
equivalent is used. These values may need to be
adjusted if a driving gate with dissimilar series resis-
tance is used. DI and DE are intended to be driven
through a series current-limiting resistor. Directly
grounding these pins destroys the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com